Part Name
         Description
CY2305_08

 Low-Cost 3.3V Zero Delay Buffer ( 15 Page)


CYPRESS
100% 
Zoom Out Zoom In
 
 1 page
background image
CY2305
CY2309
Low-Cost 3.3V Zero Delay Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07140 Rev. *I
Revised September 18, 2008
Features
10 MHz to 100-/133 MHz operating range, compatible with CPU
and PCI bus frequencies
Zero input-output propagation delay
60 ps typical cycle-to-cycle jitter (high drive)
Multiple low-skew outputs
85 ps typical output-to-output skew
One input drives five outputs (CY2305)
One input drives nine outputs, grouped as 4 + 4 + 1 (CY2309)
Compatible with Pentium-based systems
Test Mode to bypass phase-locked loop (PLL) (CY2309 only
[see “Select Input Decoding” on page 3])
Available in space-saving 16-pin 150-mil SOIC or 4.4-mm
TSSOP packages (CY2309), and 8-pin, 150-mil SOIC package
(CY2305)
3.3V operation
Industrial temperature available
Functional Description
The CY2309 is a low-cost 3.3V zero delay buffer designed to
distribute high-speed clocks and is available in a 16-pin SOIC or
TSSOP package. The CY2305 is an 8-pin version of the
CY2309. It accepts one reference input, and drives out five
low-skew clocks. The -1H versions of each device operate at up
to 100-/133 MHz frequencies, and have higher drive than the -1
devices. All parts have on-chip PLLs which lock to an input clock
on the REF pin. The PLL feedback is on-chip and is obtained
from the CLKOUT pad.
The CY2309 has two banks of four outputs each, which can be
controlled by the Select inputs as shown in the “Select Input
Decoding” table on page 3. If all output clocks are not required,
BankB can be three-stated. The select inputs also allow the input
clock to be directly applied to the outputs for chip and system
testing purposes.
The CY2305 and CY2309 PLLs enter a power down mode when
there are no rising edges on the REF input. In this state, the
outputs are three-stated and the PLL is turned off, resulting in
less than 25.0
μA current draw for these parts. The CY2309 PLL
shuts down in one additional case as shown in the table below.
Multiple CY2305 and CY2309 devices can accept the same input
clock and distribute it. In this case, the skew between the outputs
of two devices is guaranteed to be less than 700 ps.
The
CY2305/CY2309
is
available
in
two/three
different
configurations, as shown in the ordering information (page 10).
The CY2305-1/CY2309-1 is the base part. The CY2305-1H/
CY2309-1H is the high-drive version of the -1, and its rise and
fall times are much faster than the -1s.
Logic Block Diagram
PLL
MUX
Select Input
REF
S2
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Decoding
CLKOUT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CY23S09_04Low-Cost 3.3V Spread Aware™ Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
CY2305_05Low-Cost 3.3V Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
Z99753.3V 150MHz Multi-Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
IDTCSP2510D3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
IDT2305B3.3V ZERO DELAY CLOCK BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
CY23EP052.5V or 3.3V 10- 220 MHz Low Jitter 5 Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
CY29352_082.5V or 3.3V 200 MHz 11 Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
XRK39653_06113.3V 8-OUTPUT ZERO DELAY BUFFER 1 2 3 4 5 MoreExar Corporation
CY296533.3V 125-MHz 8-Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl