Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21434-24LTXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C21434-24LTXI
Description  PSoC짰 Mixed-Signal Array
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21434-24LTXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C21434-24LTXI Datasheet HTML 1Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 2Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 3Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 4Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 5Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 6Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 7Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 8Page - Cypress Semiconductor CY8C21434-24LTXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
CY8C21634, CY8C21534
CY8C21434, CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *M
Page 4 of 43
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and
analog systems can have 16, 8, or 4 digital blocks and 12, 6, or
4 analog blocks. Table 1 lists the resources available for specific
PSoC device groups. The PSoC device covered by this data
sheet is highlighted in this table.
Getting Started
The quickest path to understanding the PSoC silicon is by
reading this data sheet and using the PSoC Designer Integrated
Development Environment (IDE). This data sheet is an overview
of the PSoC integrated circuit and presents specific pin, register,
and electrical specifications. For in-depth information with
detailed programming information, refer the PSoC Mixed-Signal
Array
Technical
Reference
Manual
available
at
http://www.cypress.com/psoc.
For up-to-date Ordering, Packaging, and Electrical Specification
information, refer the latest PSoC device data sheets at
http://www.cypress.com.
Development Kits
Development Kits are available from the following distributors:
Digi-Key, Avnet, Arrow, and Future. The Cypress Online Store
contains development kits, C compilers, and all accessories for
PSoC development. Go to the Cypress Online Store web site at
http://www.cypress.com, click the Online Store shopping cart
icon at the bottom of the web page, and click PSoC (Program-
mable System-on-Chip) to view a current list of available items.
Technical Training Modules
Free PSoC technical training modules are available for users
new to PSoC. Training modules cover designing, debugging,
advanced
analog
and
CapSense.
Go
to
http://www.cypress.com/techtrain.
Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to http://www.cypress.com, click on Design
Support located on the left side of the web page, and select
CYPros Consultants.
Technical Support
PSoC application engineers take pride in fast and accurate
response. They can be reached with a 4-hour guaranteed
response at http://www.cypress.com/support.
Application Notes
A long list of application notes can assist you in every aspect of
your design effort. To view the PSoC application notes, go to the
http://www.cypress.com web site and select Application Notes
under the Design Resources list located in the center of the web
page. Application notes are sorted by date by default.
Development Tools
PSoC Designer is a Microsoft® Windows-based, integrated
development
environment
for
the
Programmable
System-on-Chip (PSoC) devices. The PSoC Designer IDE and
application runs on Windows NT 4.0, Windows 2000, Windows
Millennium (Me), or Windows XP. (See Figure 3 on page 5)
PSoC Designer helps the customer to select an operating
configuration for the PSoC, write application code that uses the
PSoC, and debug the application. This system provides design
database management by project, an integrated debugger with
In-Circuit Emulator, in-system programming support, and the
CYASM macro assembler for the CPUs.
PSoC Designer also supports a high-level C language compiler
developed specifically for the devices in the family.
Table 1. PSoC Device Characteristics
PSoC Part
Number
CY8C29x66
up to
64
4
16
12
4
4
12
2K
32K
CY8C27x43
up to
44
2
8
12
4
4
12
256
Bytes
16K
CY8C24x94
56
1
4
48
2
2
6
1K
16K
CY8C24x23A up to
24
1
4
12
2
2
6
256
Bytes
4K
CY8C21x34
up to
28
1
4
28
0
2
4a
a. Limited analog functionality.
512
Bytes
8K
CY8C21x23
16
1
4
8
0
2
4a
256
Bytes
4K
CY8C20x34
up to
28
0
0
28
0
0
3b
b. Two analog blocks and one CapSense.
512
Bytes
8K
[+] Feedback


Similar Part No. - CY8C21434-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21434-24LTXI CYPRESS-CY8C21434-24LTXI Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C21434-24LTXIT CYPRESS-CY8C21434-24LTXIT Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21434-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com