Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CTST120-56LFXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8CTST120-56LFXI
Description  TrueTouch??Single-Touch Touchscreen Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTST120-56LFXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8CTST120-56LFXI Datasheet HTML 1Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 2Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 3Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 4Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 5Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 6Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 7Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 8Page - Cypress Semiconductor CY8CTST120-56LFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CY8CTST120
Document Number: 001-46932 Rev. *B
Page 4 of 32
Two multiply accumulates (MACs) provide fast 8-bit multipliers
with 32-bit accumulate, to assist in both general math and
digital filters.
Decimator provides a custom hardware filter for digital signal
processing applications including creation of Delta Sigma
ADCs.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, multi-master modes are supported.
Low Voltage Detection (LVD) interrupts signal the application
of falling voltage levels, while the advanced POR (Power On
Reset) circuit eliminates the need for a system supervisor.
An internal 1.3V reference provides an absolute reference for
the analog system, including ADCs and DACs.
Versatile analog multiplexer system.
Getting Started
To understand the TrueTouch device, read this data sheet and
use the PSoC Designer Integrated Development Environment
(IDE). This data sheet is an overview of the PSoC integrated
circuit and presents general silicon and electrical specifications.
For in depth touchscreen application information, including
touchscreen specific specifications, read the touchscreen user
module data sheet that is supported by this specific device.
TrueTouch Device Characteristics
Depending on the TrueTouch device selected for a touchscreen
application, characteristics and capabilities of each device
change. Table 1 lists the touchscreen sensing capabilities
available for specific TrueTouch devices. The TrueTouch device
covered by this data sheet is highlighted in this table.
Development Kits
Development Kits are available from the following distributors:
Digi-Key, Avnet, Arrow, and Future. The Cypress Online Store
contains development kits, C compilers, and all accessories for
PSoC development. Go to the Cypress Online Store web site at
http://www.cypress.com, click the Online Store shopping cart
icon at the bottom of the web page, and click PSoC (Program-
mable System-on-Chip) to view a current list of available items.
Technical Training Modules
Free PSoC technical training modules are available for users
new to PSoC. Training modules cover designing, debugging,
advanced
analog
and
CapSense.
Go
to
http://www.cypress.com/training.
Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to http://www.cypress.com, click on Design
Support located on the left side of the web page, and select
CYPros Consultants.
Technical Support
PSoC application engineers take pride in fast and accurate
response. They are available with a four hour guaranteed
response at http://www.cypress.com/support.
Application Notes
A long list of application notes assist you in every aspect of your
design effort. To view the PSoC application notes, go to the
http://www.cypress.com web site and select Application Notes
under the Design Resources list located in the center of the web
page. Application notes are listed by date as default.
Development Tools
PSoC Designer is a Microsoft® Windows based, integrated
development
environment
for
the
Programmable
System-on-Chip™ (PSoC) devices. The PSoC Designer IDE
and application runs on Windows NT 4.0, Windows 2000,
Windows Millennium (Me), or Windows XP (see Figure 3 on page
5)
PSoC Designer helps the customer to select an operating config-
uration for the PSoC, write application code that uses the PSoC,
and debug the application. This system provides design
database management by project, an integrated debugger with
In-Circuit Emulator, in-system programming support, and the
CYASM macro assembler for the CPUs.
PSoC Designer also supports a high level C language compiler
developed specifically for the devices in the family.
Table 1. TrueTouch Device Characteristics
TrueTouch Part
Number
CY8CTST110
up to
24
4.3”
Y
N
N
0.5
3
8K
512
Bytes
CY8CTST120
up to
44
8.4”
Y
N
N
0.5
16
16K 1K
CY8CTMG110
up to
24
4.3”
Y
Y
N
0.5
3
8K
512
Bytes
CY8CTMG120
up to
44
8.4
Y
Y
N
0.5
16
16K 1K
CY8CTMA120
up to
37
7.3”
Y
Y
Y
0.12
16
16K 1K
Notes
1. Per Sensor Typical. Depends on touchscreen panel. For MA120 per X/Y crossing Vcc = 3.3V.
2. Average mA Supply Curernt. Based on 8ms Report Rate, except for MA120.
[+] Feedback


Similar Part No. - CY8CTST120-56LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-00PVXI CYPRESS-CY8CTST110-00PVXI Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-32LTXI CYPRESS-CY8CTST110-32LTXI Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTST110-32LTXIT CYPRESS-CY8CTST110-32LTXIT Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
More results

Similar Description - CY8CTST120-56LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
   TrueTouch??Single-Touch Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA445A CYPRESS-CYTMA445A Datasheet
437Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com