Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29466-24PVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C29466-24PVXI
Description  PSoC짰 Mixed-Signal Array
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466-24PVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C29466-24PVXI Datasheet HTML 1Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 2Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 3Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 4Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 5Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C29466-24PVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
August 5, 2008
Document No. 38-12013 Rev. *J
3
CY8C29x66 Final Data Sheet
PSoC® Overview
DTMF Dialer
Modulators
Correlators
Peak Detectors
Many other topologies possible
Analog blocks are provided in columns of three, which includes
one CT (Continuous Time) and two SC (Switched Capacitor)
blocks, as shown in the figure below.
Analog System Block Diagram
Additional System Resources
System Resources, some of which have been previously listed,
provide additional capability useful to complete systems.
Resources include a multiplier, decimator, switch mode pump,
low voltage detection, and power on reset. Statements describ-
ing the merits of each system resource are presented below.
Digital clock dividers provide three customizable clock fre-
quencies for use in applications. The clocks can be routed to
both the digital and analog systems. Additional clocks can be
generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
The decimator provides a custom hardware filter for digital
signal, processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication
over two wires. Slave, master, and multi-master modes are
all supported.
Low Voltage Detection (LVD) interrupts can signal the appli-
cation of falling voltage levels, while the advanced POR
(Power On Reset) circuit eliminates the need for a system
supervisor.
An internal 1.3 voltage reference provides an absolute refer-
ence for the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.2V battery cell, providing a
low cost boost converter.
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and
analog systems can have 16, 8, or 4 digital blocks and 12, 6, or
4 analog blocks. The following table lists the resources
available for specific PSoC device groups. The PSoC device
covered by this data sheet is highlighted below.
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACB02
ACB03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
PSoC Device Characteristics
PSoC Part
Number
CY8C29x66
up to
64
4
16
12
4
4
12
2K
32K
CY8C27x43
up to
44
2
8
12
4
4
12
256
Bytes
16K
CY8C24x94
56
1
4
48
2
2
6
1K
16K
CY8C24x23A
up to
24
14
12
2
2
6
256
Bytes
4K
CY8C21x34
up to
28
14
28
0
2
4a
a. Limited analog functionality.
512
Bytes
8K
CY8C21x23
16
1
4
8
0
2
4a
256
Bytes
4K
CY8C20x34
up to
28
0
0
28
0
0
3b
b. Two analog blocks and one CapSense.
512
Bytes
8K
[+] Feedback
[+] Feedback


Similar Part No. - CY8C29466-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C29466-24PVXI CYPRESS-CY8C29466-24PVXI Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C29466-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com