Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21234-24SXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C21234-24SXI
Description  PSoC짰 Mixed-Signal Array
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21234-24SXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C21234-24SXI Datasheet HTML 1Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 2Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 3Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 4Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 5Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 6Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 7Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 8Page - Cypress Semiconductor CY8C21234-24SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
CY8C21634, CY8C21534
CY8C21434, CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *M
Page 5 of 43
Figure 3. PSoC Designer Subsystems
PSoC Designer Software Subsystems
Device Editor
The device editor subsystem enables the user to select different
onboard analog and digital components called user modules
using the PSoC blocks. Examples of user modules are ADCs,
DACs, Amplifiers, and Filters.
The device editor also supports easy development of multiple
configurations
and
dynamic
reconfiguration.
Dynamic
reconfiguration allows changing configurations at run time.
PSoC Designer sets up power on initialization tables for selected
PSoC block configurations and creates source code for an
application framework. The framework contains software to
operate the selected components and, if the project uses more
than one operating configuration, contains routines to switch
between different sets of PSoC block configurations at run time.
PSoC Designer can print out a configuration sheet for a given
project configuration for use during application programming in
conjunction with the Device Data Sheet. After the framework is
generated, the user can add application-specific code to flesh
out the framework. It is also possible to change the selected
components and regenerate the framework.
Design Browser
The Design Browser enables users to select and import
preconfigured designs into the user’s project. Users can easily
browse a catalog of preconfigured designs to facilitate
time-to-design. Examples provided in the tools include a
300-baud modem, LIN Bus master and slave, fan controller, and
magnetic card reader.
Application Editor
In the Application Editor you can edit your C language and
Assembly language source code. You can also assemble,
compile, link, and build.
Assembler. The
macro
assembler
allows
the
seamless
merging of the assembly code with C code. The link libraries
automatically use absolute addressing or are compiled in relative
mode, and linked with other software modules to get absolute
addressing.
C Language Compiler. A C language compiler that supports
the PSoC family of devices is available. Even if you have never
worked in the C language before, the product quickly helps you
create complete C programs for the PSoC family devices.
The embedded, optimizing C compiler provides all the features
of C tailored to the PSoC architecture. It comes complete with
embedded libraries providing port and bus operations, standard
keypad and display support, and extended math functionality.
Debugger
The PSoC Designer Debugger subsystem provides hardware
in-circuit emulation, allowing the designer to test the program in
a physical system while providing an internal view of the PSoC
device. Debugger commands allow the designer to read the
program and read and write data memory, read and write IO
registers, read and write CPU registers, set and clear break-
points, and provide program run, halt, and step control. The
debugger also allows the designer to create a trace buffer of
registers and memory locations of interest.
Online Help System
The online help system displays online, context-sensitive help
for the user. Designed for procedural and quick reference, each
functional subsystem has its own context-sensitive help. This
system also provides tutorials and links to FAQs and an Online
Support Forum to aid the designer in getting started.
Hardware Tools
In-Circuit Emulator
A low cost, high functionality ICE (In-Circuit Emulator) is
available for development support. This hardware has the
capability to program single devices.
The emulator consists of a base unit that connects to the PC by
way of a USB port. The base unit is universal and operates with
all PSoC devices. Emulation pods for each device family are
available separately. The emulation pod takes the place of the
PSoC device in the target board and performs full speed
(24 MHz) operation.
[+] Feedback


Similar Part No. - CY8C21234-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234-24SXI CYPRESS-CY8C21234-24SXI Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21234-24SXI CYPRESS-CY8C21234-24SXI Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C21234-24SXIT CYPRESS-CY8C21234-24SXIT Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21234-24SXIT CYPRESS-CY8C21234-24SXIT Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21234-24SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com