Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21123-24SXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C21123-24SXIT
Description  PSoC짰 Mixed Signal Array
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21123-24SXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C21123-24SXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C21123-24SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CY8C21123, CY8C21223, CY8C21323
PSoC® Mixed Signal Array
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12022 Rev. *H
Revised October 22, 2008
Features
Powerful Harvard Architecture Processor
M8C Processor Speeds to 24 MHz
Low power at High Speed
2.4V to 5.25V Operating Voltage
Operating Voltages down to 1.0V using On-Chip Switch
Mode Pump (SMP)
Industrial Temperature Range: -40°C to +85°C
Advanced Peripherals (PSoC Blocks)
Four Analog Type “E” PSoC Blocks Provide:
• Two Comparators with DAC Refs
• Single or Dual 8-Bit 8:1 ADC
Four Digital PSoC Blocks Provide:
• 8 to 32-Bit Timers, Counters, and PWMs
• CRC and PRS Modules
Full Duplex UART, SPI™ Master or Slave
• Connectable to All GPIO Pins
Complex Peripherals by Combining Blocks
Flexible On-Chip Memory
4K Flash Program Storage 50,000 Erase/Write Cycles
256 Bytes SRAM Data Storage
In-System Serial Programming (ISSP)
Partial Flash Updates
Flexible Protection Modes
EEPROM Emulation in Flash
Complete Development Tools
Free Development Software (PSoC Designer
)
Full Featured, In-Circuit Emulator and Programmer
Full Speed Emulation
Complex Breakpoint Structure
128 Bytes Trace Memory
Precision, Programmable Clocking
Internal ±2.5% 24/48 MHz Oscillator
Internal Oscillator for Watchdog and Sleep
Programmable Pin Configurations
25 mA Drive on All GPIO
Pull Up, Pull Down, High Z, Strong, or Open Drain Drive
Modes on All GPIO
Up to Eight Analog Inputs on GPIO
Configurable Interrupt on all GPIO
Additional System Resources
I
2C™ Master, Slave and MultiMaster to 400 kHz
Watchdog and Sleep Timers
User Configurable Low Voltage Detection
Integrated Supervisory Circuit
On-Chip Precision Voltage Reference
DIGITAL SYSTEM
SRAM
SystemBus
Interrupt
Controller
Sleep and
Watchdog
Clock Sources
(Includes IMO and ILO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core
(M8C)
SROM
Flash
I2C
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Port 1
Port 0
Digital
PSoC Block
Array
Analog
PSoC Block
Array
Sw itch
Mode
Pump
Logic Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - CY8C21123-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123-24SXIT CYPRESS-CY8C21123-24SXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21123-24SXIT CYPRESS-CY8C21123-24SXIT Datasheet
701Kb / 44P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C21123-24SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com