Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21434 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C21434
Description  PSoC짰 Mixed-Signal Array
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21434 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C21434 Datasheet HTML 5Page - Cypress Semiconductor CY8C21434 Datasheet HTML 6Page - Cypress Semiconductor CY8C21434 Datasheet HTML 7Page - Cypress Semiconductor CY8C21434 Datasheet HTML 8Page - Cypress Semiconductor CY8C21434 Datasheet HTML 9Page - Cypress Semiconductor CY8C21434 Datasheet HTML 10Page - Cypress Semiconductor CY8C21434 Datasheet HTML 11Page - Cypress Semiconductor CY8C21434 Datasheet HTML 12Page - Cypress Semiconductor CY8C21434 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
CY8C21634, CY8C21534
CY8C21434, CY8C21334, CY8C21234
Document Number: 38-12025 Rev. *M
Page 9 of 43
20-Pin Part Pinout
Figure 6. CY8C21334 20-Pin PSoC Device
SSOP
Vdd
P0[6], A,I, M
P0[4], A,I, M
P0[2], A,I, M
P0[0], A,I, M
XRES
P1[6],M
P1[4],EXTCLK,M
P1[2],M
P1[0],I2C SDA,M
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A, I,M, P0[7]
A, I,M, P0[5]
A, I,M, P0[3]
A, I,M, P0[1]
M,I2C SCL,P1[7]
SDA,P1[5]
M,P1[3]
SCL,P1[1]
Vss
Vss
M,I2C
M,I2C
Table 4. Pin Definitions - CY8C21334 20-Pin (SSOP)
Pin No.
Type
Name
Description
Digital
Analog
1
IO
I, M
P0[7]
Analog column mux input.
2
IO
I, M
P0[5]
Analog column mux input.
3
IO
I, M
P0[3]
Analog column mux input, integrating input.
4
IO
I, M
P0[1]
Analog column mux input, integrating input.
5
Power
Vss
Ground connection.
6
IO
M
P1[7]
I2C Serial Clock (SCL).
7
IO
M
P1[5]
I2C Serial Data (SDA).
8
IO
M
P1[3]
9
IO
M
P1[1]
I2C Serial Clock (SCL), ISSP-SCLK*.
10
Power
Vss
Ground connection.
11
IO
M
P1[0]
I2C Serial Data (SDA), ISSP-SDATA*.
12
IO
M
P1[2]
13
IO
M
P1[4]
Optional External Clock Input (EXTCLK).
14
IO
M
P1[6]
15
Input
XRES
Active high external reset with internal pull down.
16
IO
I, M
P0[0]
Analog column mux input.
17
IO
I, M
P0[2]
Analog column mux input.
18
IO
I, M
P0[4]
Analog column mux input.
19
IO
I, M
P0[6]
Analog column mux input.
20
Power
Vdd
Supply voltage.
LEGEND A = Analog, I = Input, O = Output, and M = Analog Mux Input.
* These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Mixed-Signal Array Technical Reference Manual for details.
[+] Feedback


Similar Part No. - CY8C21434

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21434 CYPRESS-CY8C21434 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21434-24AX CYPRESS-CY8C21434-24AX Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
More results

Similar Description - CY8C21434

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com