Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20X66 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20X66
Description  CapSense??Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20X66 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20X66 Datasheet HTML 1Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 2Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 3Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 4Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 5Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 6Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 7Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 8Page - Cypress Semiconductor CY8C20X66 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CY8C20x46, CY8C20x66
Document Number: 001-12696 Rev. *C
Page 2 of 34
Block Diagram
CAPSENSE
SYSTEM
2K SRAM
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
Internal Low Speed Oscillator (ILO)
6/12/24 MHz Internal Main Oscillator
(IMO)
PSoC CORE
CPU Core (M8C)
Supervisory ROM (SROM)
16K/32K Flash
Nonvolatile Memory
SYSTEM RESOURCES
SYSTEM BUS
Analog
Reference
SYSTEM BUS
Port 3
Port 2
Port 1
Port 0
CapSense
Module
Global Analog Interconnect
1.8/2.5/3V
LDO
Analog
Mux
Two
Comparators
I2C
Slave
SPI
Master/
Slave
POR
and
LVD
USB
System
Resets
Internal
Voltage
References
Three 16-Bit
Programmable
Timers
PWRSYS
(Regulator)
Port 4
Digital
Clocks
[+] Feedback


Similar Part No. - CY8C20X66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X66A CYPRESS-CY8C20X66A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X66A CYPRESS-CY8C20X66A Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
More results

Similar Description - CY8C20X66

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com