Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2516.384000CE50GX Datasheet(PDF) 3 Page - AEL Crystals Ltd

Part # H2516.384000CE50GX
Description  VCXO Wide Frequency Range 3.0V and 5.0V Devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

H2516.384000CE50GX Datasheet(HTML) 3 Page - AEL Crystals Ltd

  H2516.384000CE50GX Datasheet HTML 1Page - AEL Crystals Ltd H2516.384000CE50GX Datasheet HTML 2Page - AEL Crystals Ltd H2516.384000CE50GX Datasheet HTML 3Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE CODES
Specify
Solder Conditions
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
ORDERING CODE
VCXO
H2 / 5 / 16.384000 / A / E / 50 / G / X
Package Code
3 = +3.0V
5 = +5.0V
Frequency
(to 6 decimal places)
Stability
(Over Temp)
A = ±10ppm
B = ±25ppm
C = ±50ppm
D = ±100ppm
Custom Options (see
below)
Range Code
G = Maximum
H = Minimum
L = Typical
Pull Range (±ppm)
Operating Temp Range
CUSTOM OPTIONS AVAILABLE
A - Tape and reeled
E - Negative Slope Polarity (Inc Vc = dec Fo)
B - Customer Specified Adjustment Tolerance
F - Customer Specified Power Consumption
C - Tri State option
G - Specified Phase noise requirements
D - Customer Specified Stability / Temp Combination
H - Custom Marking
30
Package Code
Drawing
Description
A1
A
14 Pin D IL Herme tically Sealed
B1
B
14 Pin SM D Gullw ing - DIL H ermetically Sealed
C1
C
8-Pin D IL Herme tically Sealed
D1
D
8-Pin D IL Gullw ing Herm etically Sealed
E1
E
14-Pin DIL Low Cost 4.7mm High
F1
F
14-Pin DIL Gullwing Low Cost 4.7mm High
G1
G
Plastic Mo ulded SM D
H1
H
9mm x 11mm SMD - 2.5mm High - 6 Pad
H2
H
9mm x 11mm SMD - 4.7mm High - 6 Pad
H3
H
9mm x 11mm SMD - 1.85mm High - 4 Pad
H4
H
9mm x 11mm SMD - 2.5mm High - 4 Pad
H5
H
9mm x 11mm SMD - 4.7mm High - 4 Pad
I1
I
7.5mm x 5mm SMD -1.8mm High - 6 Pad
www.aelcrystals.co.uk


Similar Part No. - H2516.384000CE50GX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H2510-00R00-1/16W INTERSIL-H2510-00R00-1/16W Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
H2510-01001-1/16W1 INTERSIL-H2510-01001-1/16W1 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
H2510-01002-1/16W1 INTERSIL-H2510-01002-1/16W1 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
H2510-03000-1/16W1 INTERSIL-H2510-03000-1/16W1 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
H2510-04701-1/16W1 INTERSIL-H2510-04701-1/16W1 Datasheet
231Kb / 3P
   USB to PMBus Adapter and Cable
September 29, 2014
More results

Similar Description - H2516.384000CE50GX

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO-43F GOLLEDGE-GVXO-43F Datasheet
551Kb / 4P
   3.3V VCXO with wide range of frequency stability and pullability options
GVXO515 GOLLEDGE-GVXO515 Datasheet
58Kb / 1P
   5.0V VCXO
logo
MMD Components
MAP2 MMD-MAP2 Datasheet
114Kb / 2P
   Wide Frequency Range
MAV2 MMD-MAV2 Datasheet
114Kb / 2P
   Wide Frequency Range
logo
ECS, Inc.
ECS-HFR-A ECS-ECS-HFR-A Datasheet
113Kb / 1P
   Wide Frequency range
logo
MMD Components
MAL3 MMD-MAL3 Datasheet
114Kb / 2P
   Wide Frequency Range
logo
Fox Electronics
FOX801LF FOX-FOX801LF Datasheet
150Kb / 1P
   3.0V / 5.0V, Clipped Sine, TCXO
FOX801 FOX-FOX801 Datasheet
263Kb / 1P
   3.0V/5.0V LOW PROFILE TCXO
FSOLF FOX-FSOLF Datasheet
157Kb / 1P
   5.0V/3.0V Plastic HCMOS/TTL Oscillator
logo
MTRONPTI
XO7060 MTRONPTI-XO7060 Datasheet
48Kb / 1P
   High Frequency Wide Pulling Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com