Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTB461E Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # ZTB461E
Description  CERAMIC RESONATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

ZTB461E Datasheet(HTML) 1 Page - EUROQUARTZ limited

  ZTB461E Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZTB SERIES
450kHz to 509kHz
ZTB SERIES
450kHz to 509kHz
Outline and Dimensions
ZTB ---E
450 to 509
±2.0kHz
±0.3%
±0.5%
20
100pF
100pF
Frequency
Range
(kHz)
Part
Number
Test Circuit
ZTB Series 450kHz to 509kHz
Outline and Dimensions
Test Circuit
ZTB Series 510kHz to 699kHz
Frequency
Accuracy
at 25°C
Temperature
Stability
-20° to +80°C
Ageing
Stability
10 years
Resonance
Resistance
( ) max.
W
C
(pF)
1
C
(pF)
2
RF
Vdd:
+5 Volts
RF:
1M Ohm
ZTB
C1
C2
1/6 CD 4069UBE x 2
Vdd
To Frequency
Counter
ZTB SERIES
510kHz to 699kHz
ZTB SERIES
510kHz to 699kHz
Electrical characteristics
(For ---- insert frequency)
RF
Vdd:
+5 Volts
RF:
1M Ohm
ZTB
C1
C2
1/6 CD 4069UBE x 2
Vdd
To Frequency
Counter
ZTB ---P
510 to 699
±2.0kHz
±0.3%
±0.5%
35
100pF
100pF
Frequency
Range
(kHz)
Part
Number
Frequency
Accuracy
at 25°C
Temperature
Stability
-20° to +80°C
Ageing
Stability
10 years
Resonance
Resistance
( ) max.
W
C
(pF)
1
C
(pF)
2
Electrical characteristics
(For ---- insert frequency)
7.0
9.0
5.0
3.5
5.0
7.0
9.0
5.0
3.5
5.0
EUROQUARTZ
CERAMIC RESONATORS
ZTB SERIES
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44(0)1460 230000 Fax: +44(0)1460 230001 Email: sales@euroquartz.co.uk www.euroquartz.co.uk


Similar Part No. - ZTB461E

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ZTB460E ECS-ZTB460E Datasheet
200Kb / 2P
   CERAMIC RESONATOR
More results

Similar Description - ZTB461E

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com