Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC8641HX1500K Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC8641HX1500K
Description  Integrated Host Processor Hardware Specifications
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8641HX1500K Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC8641HX1500K Datasheet HTML 4Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 9Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 10Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 11Page - Freescale Semiconductor, Inc MC8641HX1500K Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
8
Freescale Semiconductor
Electrical Characteristics
Local Bus and Platform PLL supply voltage
AVDD_LB,
AVDD_PLAT
1.10 ± 50 mV
V
8
1.05 ± 50 mV
7
DDR and DDR2 SDRAM I/O supply voltages
D1_GVDD,
D2_GVDD
2.5 V ± 125 mV
V
9
1.8 V ± 90 mV
V
9
eTSEC 1 and 2 I/O supply voltage
LVDD
3.3 V ± 165 mV
V
10
2.5 V ± 125 mV
V
10
eTSEC 3 and 4 I/O supply voltage
TVDD
3.3 V ± 165 mV
V
10
2.5 V ± 125 mV
V
10
Local Bus, DUART, DMA, Multiprocessor Interrupts, System
Control & Clocking, Debug, Test, Power management, I2C,
JTAG and Miscellaneous I/O voltage
OVDD
3.3 V ± 165 mV
V
5
Input voltage
DDR and DDR2 SDRAM signals
D
n
_MVIN
GND to D
n_GVDD
V3, 6
DDR and DDR2 SDRAM reference
D
n
_MV
REF
D
n_GVDD/2 ± 1%
V
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V4, 6
DUART, Local Bus, DMA,
Multiprocessor Interrupts, System
Control & Clocking, Debug, Test,
Power management, I2C, JTAG
and Miscellaneous I/O voltage
OVIN
GND to OVDD
V5,6
Junction temperature range
TJ
0 to 105
°C
Notes:
1. Core 1 characteristics apply only to MPC8641D
2. If two separate power supplies are used for VDD_Core0 and VDD_Core1, they must be at the same nominal voltage and the
individual power supplies must be tracked and kept within 100 mV of each other during normal run time.
3. Caution: D
n
_MVIN must meet the overshoot/undershoot requirements for Dn_GVDD as shown in Figure 2.
4. Caution: L/TVIN must meet the overshoot/undershoot requirements for L/TVDD as shown in Figure 2 during regular run time.
5. Caution: OVIN must meet the overshoot/undershoot requirements for OVDD as shown in Figure 2 during regular run time.
6. Timing limitations for M,L,T,O)VIN and Dn_MVREF during regular run time is provided in Figure 2
7. Applies to devices marked with a core frequency of 1333 MHz and below. Refer to Table 74 Part Numbering Nomenclature
to determine if the device has been marked for a core frequency of 1333 MHz and below.
8. Applies to devices marked with a core frequency above 1333 MHz. Refer to Table 74 Part Numbering Nomenclature to
determine if the device has been marked for a core frequency above 1333 MHz.
9. The 2.5 V ± 125 mV range is for DDR and 1.8 V ± 90 mV range is for DDR2.
10. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications” for details on the recommended
operating conditions per protocol.
11. The PCI Express interface of the device is expected to receive signals from 0.175 to 1.2 V. For more information refer to
Section 14.4.3, “Differential Receiver (RX) Input Specifications."
12. Applies to Part Number MC8641xxx1000NX only. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V devices. Refer to Table 74
Part Numbering Nomenclature to determine if the device has been marked for VDD_Coren = 0.95 V.
13. This voltage is the input to the filter discussed in Section 20.2, “Power Supply Design and Sequencing” and not necessarily
the voltage at the AVDD_Coren pin, which may be reduced from VDD_Coren by the filter.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes


Similar Part No. - MC8641HX1500K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8641DTHX1000G FREESCALE-MC8641DTHX1000G Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000GC FREESCALE-MC8641DTHX1000GC Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000H FREESCALE-MC8641DTHX1000H Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000J FREESCALE-MC8641DTHX1000J Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC8641DTHX1000N FREESCALE-MC8641DTHX1000N Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
More results

Similar Description - MC8641HX1500K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com