Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTACV_MX Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # ZTACV_MX
Description  CERAMIC RESONATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

ZTACV_MX Datasheet(HTML) 1 Page - EUROQUARTZ limited

  ZTACV_MX Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ
CERAMIC RESONATORS
Surface-mount types ZTACC, ZTTCC
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44(0)1460 230000 Fax: +44(0)1460 230001 Email: sales@euroquartz.co.uk www.euroquartz.co.uk
ZTACS_MT/ZTTCS_MT
8.00 to 13.00
±0.5
25
±0.3
±0.5
ZTACS_MX/ZTTCS_MX
13.01 to 50.0
±0.5
40
±0.3
±0.5
ZTACV_MT/ZTTCV_MT
8.00 to 13.00
±0.5
40
±0.3
±0.5
ZTACV_MX/ZTTCV_MX
13.01 to 50.0
±0.5
40
±0.3
±0.5
Frequency
Range (MHz)
Part
Number
Frequency
Tolerance ((%)
Resonant
Resistance ( )
W
Temperature
Characteristics
Ageing
(%)
2.00 to 2.99
±0.3, ±0.5
100
±0.3
±0.5
ZTACC_MG/ZTTCC_MG
3.00 to 3.49
±0.3, ±0.5
50
±0.3
±0.5
3.50 to 8.00
±0.3, ±0.5
30
±0.3
±0.5
Frequency
Range (MHz)
Part
Number
Frequency
Tolerance ((%)
Resonant
Resistance ( )
W
Temperature
Characteristics
Ageing
(%)
ZTACS, ZTTCV


Similar Part No. - ZTACV_MX

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTACV-MX ILSI-ZTACV-MX Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
PETERMANN-TECHNIK
ZTACV-MX PETERMANN-ZTACV-MX Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
logo
Shoulder Electronics Li...
ZTACV-MX SHOULDER-ZTACV-MX Datasheet
306Kb / 8P
   This specification shall cover the characteristics of the ceramic resonator 16.00-50.00MHZ.
logo
ILSI America LLC
ZTACV-MX-20.000 ILSI-ZTACV-MX-20.000 Datasheet
45Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
More results

Similar Description - ZTACV_MX

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com