Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991V-2JXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7B991V-2JXC
Description  Low Voltage Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V-2JXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7B991V-2JXC Datasheet HTML 1Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 2Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 3Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 4Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 5Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 6Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 7Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 8Page - Cypress Semiconductor CY7B991V-2JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *D
Page 5 of 13
Operational Mode Descriptions
Figure 2 shows the LVPSCB configured as a zero skew clock buffer. In this mode, the CY7B991V is the basis for a low skew clock
distribution tree. When all of the function select inputs (xF0, xF1) are left open, the outputs are aligned and drive a terminated
transmission line to an independent load. The FB input is tied to any output in this configuration and the operating frequency range
is selected with the FS pin. The low skew specification, coupled with the ability to drive terminated transmission lines (with impedances
as low as 50 ohms), enables efficient printed circuit board design.
Figure 4 shows a configuration to equalize skew between metal
traces of different lengths. In addition to low skew between
outputs, the LVPSCB is programmed to stagger the timing of its
outputs. The four groups of output pairs are each programmed
to different output timing. Skew timing is adjusted over a wide
range in small increments with the appropriate strapping of the
function select pins. In this configuration, the 4Q0 output is sent
back to FB and configured for zero skew. The other three pairs
of outputs are programmed to yield different skews relative to the
feedback. By advancing the clock signal on the longer traces or
retarding the clock signal on shorter traces, all loads receive the
clock pulse at the same time.
Figure 4 shows the FB input connected to an output with 0 ns
skew (xF1, xF0 = MID) selected. The internal PLL synchronizes
the FB and REF inputs and aligns their rising edges to make
certain that all outputs have precise phase alignment.
Clock skews are advanced by ±6 time units (tU) when using an
output selected for zero skew as the feedback. A wider range of
delays is possible if the output connected to FB is also skewed.
Since “Zero Skew”, +tU, and –tU are defined relative to output
groups, and the PLL aligns the rising edges of REF and FB, wider
output skews are created by proper selection of the xFn inputs.
For example, a +10 tU between REF and 3Qx is achieved by
connecting 1Q0 to FB and setting 1F0 = 1F1 = GND, 3F0 = MID,
and 3F1 = High. (Since FB aligns at –4 tU, and 3Qx skews to +6
tU, a total of +10 tU skew is realized.) Many other configurations
are realized by skewing both the outputs used as the FB input
and skewing the other outputs.
Figure 3. Zero Skew and Zero Delay Clock Driver
SYSTEM
CLOCK
L1
L2
L3
L4
LENGTH L1 = L2 = L3 = L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0
Figure 4. Programmable Skew Clock Driver
LENGTH L1 = L2
L3 < L2 by 6 inches
L4 > L2 by 6 inches
CLOCK
L1
L2
L3
L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0
SYSTEM
[+] Feedback


Similar Part No. - CY7B991V-2JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V-2JXC CYPRESS-CY7B991V-2JXC Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V-2JXCT CYPRESS-CY7B991V-2JXCT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V-2JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com