Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991V-5JIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7B991V-5JIT
Description  Low Voltage Programmable Skew Clock Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V-5JIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7B991V-5JIT Datasheet HTML 3Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 4Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 5Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 6Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 7Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 8Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 9Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 10Page - Cypress Semiconductor CY7B991V-5JIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *D
Page 7 of 13
Figure 9 shows the CY7B991V connected in series to construct a zero skew clock distribution tree between boards. Delays of the
downstream clock buffers are programmed to compensate for the wire length (that is, select negative skew equal to the wire delay)
necessary to connect them to the master clock source, approximating a zero delay clock tree. Cascaded clock buffers accumulate
low frequency jitter because of the non-ideal filtering characteristics of the PLL filter. Do not connect more than two clock buffers in a
series.
Figure 8. Multi-Function Clock Driver
Figure 9. Board-to-Board Clock Distribution
20 MHz
DISTRIBUTION
CLOCK
80 MHz
INVERTED
Z0
20 MHz
80 MHz
ZERO SKEW
80 MHz
SKEWED –3.125 ns (–4tU)
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
LOAD
LOAD
LOAD
LOAD
Z0
Z0
Z0
SYSTEM
CLOCK
Z0
L1
L2
L3
L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
REF
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
REF
FS
FB
LOAD
LOAD
LOAD
LOAD
LOAD
TEST
Z0
Z0
Z0
[+] Feedback


Similar Part No. - CY7B991V-5JIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V-5JIT CYPRESS-CY7B991V-5JIT Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V-5JIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com