Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DP818ZXC-2T Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP818ZXC-2T
Description  1:8 Clock Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZXC-2T Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2DP818ZXC-2T Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY2DP818ZXC-2T Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PRELIMINARY
CY2DP818-2
Document #: 38-07588 Rev. *A
Page 7 of 9
Figure 5. Test Circuit and Voltage Definitions for the Differential Output Signal[2,3,4,5]
Figure 6. LVTTL/LVCMOS[6]
Figure 7. LVDS/LVPECL[6]
0.0V
100%
80%
20%
0%
tR
tF
1.4V
1.0V
VI(A)
VI(B)
TPA
TPC
TPB
50
50
GND
150
150
Standard Termination
Pulse
Generator
A
B
10pF
VDD-2V
1
InConfig
LVCMOS / LVTTL
LVTTL/LVCMOS
INPUT A
INPUT B
GND
In C o n fig
L VPE CL &
LV D S
L V DS /L V P E CL
0
Ordering Information
Part Number
Package Type
Product Flow
CY2DP818ZI-2
38-Pin TSSOP
Industrial, –40
° to 85°C
CY2DP818ZI-2T
38-Pin TSSOP–Tape and Reel
Industrial, –40
° to 85°C
CY2DP818ZC-2
38-Pin TSSOP
Commercial, 0
°C to 70°C
CY2DP818ZC-2T
38-Pin TSSOP–Tape and Reel
Commercial, 0
°C to 70°C
Pb Free Devices
CY2DP818ZXI-2
38-Pin TSSOP
Industrial, –40
° to 85°C
CY2DP818ZXI-2T
38-Pin TSSOP–Tape and Reel
Industrial, –40
° to 85°C
CY2DP818ZXC-2
38-Pin TSSOP
Commercial, 0
°C to 70°C
CY2DP818ZXC-2T
38-Pin TSSOP–Tape and Reel
Commercial, 0
°C to 70°C
Note
6. LVPECL or LVDS differential input value.
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY2DP818ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP818ZXC CYPRESS-CY2DP818ZXC Datasheet
414Kb / 13P
   1:8 Clock Fanout Buffer
More results

Similar Description - CY2DP818ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
   1:8 Clock Fanout Buffer
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818 Datasheet
92Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
   1:8 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com