Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19995 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX19995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19995 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX19995 Datasheet HTML 2Page - Maxim Integrated Products MAX19995 Datasheet HTML 3Page - Maxim Integrated Products MAX19995 Datasheet HTML 4Page - Maxim Integrated Products MAX19995 Datasheet HTML 5Page - Maxim Integrated Products MAX19995 Datasheet HTML 6Page - Maxim Integrated Products MAX19995 Datasheet HTML 7Page - Maxim Integrated Products MAX19995 Datasheet HTML 8Page - Maxim Integrated Products MAX19995 Datasheet HTML 9Page - Maxim Integrated Products MAX19995 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
6
_______________________________________________________________________________________
+5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS (continued)
(
Typical Application Circuit optimized for the DCS/PCS band, R1 = R4 = 806
Ω, R2 = R5 = 2.32kΩ, VCC = +4.75V to +5.25V, RF and
LO ports are driven from 50
Ω sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 1700MHz to 2000MHz, fLO = 1510MHz to
1810MHz, fIF = 190MHz, fRF > fLO, TC = -40°C to +85°C. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm,
fRF = 1800MHz, fLO = 1610MHz, fIF = 190MHz, TC = +25°C, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Return Loss
LO and IF terminated into matched
impedance, LO on
21
dB
LO port selected, RF and IF terminated into
matched impedance
20
LO Input Return Loss
LO port unselected, RF and IF terminated
into matched impedance
19
dB
IF Output Impedance
ZIF
Nominal differential impedance of the IC’s
IF outputs
200
IF Return Loss
RF terminated into 50
Ω, LO driven by 50Ω
source, IF transformed to 50
Ω using
external components shown in Typical
Application Circuit
12.5
dB
RF-to-IF Isolation
fRF = 1700MHz for min value
30
39
dB
LO Leakage at RF Port
(Notes 8, 10)
-31
-24.7
dBm
2LO Leakage at RF Port
(Note 8)
-20
-16
dBm
LO Leakage at IF Port
(Note 8)
-40
-27
dBm
RFMAIN converted power measured at
IFD_, relative to IFM_, all unused ports
terminated to 50
40
49
Channel Isolation
RFDIV converted power measured at IFM_,
relative to IFD_, all unused ports terminated
to 50
40
49
dB
LO-to-LO Isolation
PLO1 = +3dBm, PLO2 = +3dBm,
fLO1 = 1610MHz, fLO2 = 1611MHz
40
56
dB
LO Switching Time
50% of LOSEL to IF settled within 2
degrees
50
ns
+3.3V SUPPLY AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit. Typical values are at VCC = +3.3V, PRF = -5dBm, PLO = 0dBm, fRF = 1800MHz, fLO = 1610MHz,
fIF = 190MHz, TC = +25°C, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC
8.4
dB
Conversion Gain Flatness
Flatness over any one of three frequency
bands:
fRF = 1710MHz to 1785MHz
fRF = 1850MHz to 1910MHz
fRF = 1920MHz to 1980MHz
±0.1
dB
Gain Variation Over TemperatureTCCG
TC = -40°C to +85°C
-0.009
dB/°C


Similar Part No. - MAX19995

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX19995AETX++ MAXIM-MAX19995AETX+ Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX19995AETX+T MAXIM-MAX19995AETX+T Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
More results

Similar Description - MAX19995

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
   SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
   High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com