Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19517 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX19517
Description  Dual-Channel, 10-Bit, 130Msps ADC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19517 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX19517 Datasheet HTML 6Page - Maxim Integrated Products MAX19517 Datasheet HTML 7Page - Maxim Integrated Products MAX19517 Datasheet HTML 8Page - Maxim Integrated Products MAX19517 Datasheet HTML 9Page - Maxim Integrated Products MAX19517 Datasheet HTML 10Page - Maxim Integrated Products MAX19517 Datasheet HTML 11Page - Maxim Integrated Products MAX19517 Datasheet HTML 12Page - Maxim Integrated Products MAX19517 Datasheet HTML 13Page - Maxim Integrated Products MAX19517 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 130MHz, AIN = -0.5dBFS, data output termina-
tion = 50
Ω, TA = +25°C, unless otherwise noted.)
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.3
3.1
2.9
2.7
2.5
78
80
82
84
86
88
90
76
2.3
Dual-Channel, 10-Bit, 130Msps ADC
DIGITAL SUPPLY CURRENT
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (Msps)
120
110
100
5
10
15
20
25
30
35
0
90
125
115
105
95
130
OVDD = 1.8V
DIGITAL SUPPLY CURRENT
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (Msps)
120
110
100
10
20
30
40
50
60
70
80
0
90
125
115
105
95
130
OVDD = 3.6V
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
25
30
35
40
45
50
20
-40
OVDD = 3.6V
OVDD = 1.8V
DIGITAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5
0
5
10
15
20
25
30
35
40
45
50
DUAL BUS
DIGITAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5
0
5
10
15
20
25
30
35
40
45
50
MULTIPLEXED BUS
PERFORMANCE
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
60
55
35
40
45
50
60
65
70
75
80
85
90
95
55
30
65
SFDR2
SFDR1
-THD
SINAD
SNR
PERFORMANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
-20
0
20
40
55
60
65
70
75
80
85
90
50
-40
SFDR2
SFDR1
-THD
SINAD
SNR
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
-0.05
-40


Similar Part No. - MAX19517

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19517ETM++ MAXIM-MAX19517ETM+ Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
MAX19517EVKIT++ MAXIM-MAX19517EVKIT+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
More results

Similar Description - MAX19517

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com