Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19507ETM+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX19507ETM+
Description  Dual-Channel, 8-Bit, 130Msps ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19507ETM+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX19507ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 11Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 12Page - Maxim Integrated Products MAX19507ETM+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.90
1.85
1.80
1.75
1.70
78
80
82
84
86
88
90
76
1.65
1.95
PERFORMANCE
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-10
-20
-30
-40
-50
-60
0
SFDR2
SFDR1
-THD
SINAD
SNR
55
60
65
70
75
80
85
45
50
SINGLE-ENDED PERFORMANCE
vs. INPUT FREQUENCY
INPUT FREQUENCY (MHz)
60
20
40
0
SFDR2
SFDR1
-THD
SINAD
SNR
55
60
65
70
75
80
85
45
50
Typical Operating Characteristics (continued)
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 130MHz, AIN = -0.5dBFS, data output termina-
tion = 50Ω, TA = +25°C, unless otherwise noted.)
Dual-Channel, 8-Bit, 130Msps ADC
_______________________________________________________________________________________
9
PERFORMANCE
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (Msps)
130
120
100
110
90
140
SFDR2
SFDR1
-THD
SINAD
SNR
55
60
65
70
75
80
85
45
50
PERFORMANCE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
1.35
1.15
0.95
0.75
0.55
0.35
SFDR2
SFDR1
-THD
SINAD
SNR
55
60
65
70
75
80
85
45
50
PERFORMANCE
vs. ANALOG SUPPLY VOLTAGE
ANALOG SUPPLY VOLTAGE
1.85
1.75
1.65
1.95
SFDR2
SFDR1
-THD
SINAD
SNR
55
60
65
70
75
80
85
45
50
PERFORMANCE
vs. ANALOG SUPPLY VOLTAGE
ANALOG SUPPLY VOLTAGE (V)
3.3
2.8
2.3
SFDR2
SFDR1
-THD
SINAD
SNR
55
60
65
70
75
80
85
45
50
ANALOG SUPPLY CURRENT
vs. SAMPLING FREQUENCY
SAMPLING FREQUENCY (MHz)
130
120
110
100
135
125
115
105
65
70
75
80
85
90
60
90 95
140
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
75
80
85
90
95
70
-40


Similar Part No. - MAX19507ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19507ETM++ MAXIM-MAX19507ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19507ETM++ MAXIM-MAX19507ETM+ Datasheet
655Kb / 35P
   Dual-Channel, 8-Bit, 130Msps ADC ____________________________________________________________ Maxim Integrated Products 1 Ordering Information 19-4311; Rev 1; 9/10 For pricing,
2010
More results

Similar Description - MAX19507ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19517 MAXIM-MAX19517 Datasheet
383Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
Rev 1; 10/08
MAX19517 MAXIM-MAX19517_V01 Datasheet
606Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
2010
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com