Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19505 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19505
Description  Dual-Channel, 8-Bit, 65Msps ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19505 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19505 Datasheet HTML 1Page - Maxim Integrated Products MAX19505 Datasheet HTML 2Page - Maxim Integrated Products MAX19505 Datasheet HTML 3Page - Maxim Integrated Products MAX19505 Datasheet HTML 4Page - Maxim Integrated Products MAX19505 Datasheet HTML 5Page - Maxim Integrated Products MAX19505 Datasheet HTML 6Page - Maxim Integrated Products MAX19505 Datasheet HTML 7Page - Maxim Integrated Products MAX19505 Datasheet HTML 8Page - Maxim Integrated Products MAX19505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Dual-Channel, 8-Bit, 65Msps ADC
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VOVDD = 1.8V, internal reference, differential clock, VCLK = 1.5VP-P, fCLK = 65MHz, AIN = -0.5dBFS, data output termination
= 50
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK INPUTS (SYNC)
Allowable Logic Swing
0 - VAVDD
V
Sync Clock Input High Threshold
1.5
V
Sync Clock Input Low Threshold
0.3
V
VSYNC = VAVDD = 1.8V or 3.3V
+0.5
Input Leakage
VSYNC = 0
-0.5
µA
Input Capacitance
4.5
pF
DIGITAL INPUTS (SHDN,
SPEN)
Allowable Logic Swing
0 - VAVDD
V
Input High Threshold
1.5
V
Input Low Threshold
0.3
V
VSHDN/VSPEN = VAVDD = 1.8V or 3.3V
+0.5
Input Leakage
VSHDN/VSPEN = 0
-0.5
µA
Input Capacitance
CDIN
3pF
SERIAL-PORT INPUTS (SCLK, SDIN,
CS, where SPEN = 0V)—SERIAL-PORT CONTROL MODE
Allowable Logic Swing
0 - VAVDD
V
Input High Threshold
1.5
V
Input Low Threshold
0.3
V
VSCLK/VSDIN/VCS = VAVDD = 1.8V or 3.3V
+0.5
Input Leakage
VSCLK/VSDIN/VCS = 0
-0.5
µA
Input Capacitance
CDIN
3pF
SERIAL-PORT INPUTS (SCLK, SDIN,
CS, where SPEN = VAVDD)—PARALLEL CONTROL MODE (Figure 5)
VSCLK/VSDIN/VCS = VAVDD = 1.8V
7
12
17
Input Pullup Current
VSCLK/VSDIN/VCS = VAVDD = 3.3V
16
21
26
µA
VSCLK/VSDIN/VCS = 0, VAVDD = 1.8V
-65
-50
-35
Input Pulldown Current
VSCLK/VSDIN/VCS = 0, VAVDD = 3.3V
-105
-90
-75
µA
I = 0V, VAVDD = 1.8V
1.35
1.45
1.55
Open-Circuit Voltage
VOC
I = 0V, VAVDD = 3.3V
2.58
2.68
2.78
V
DIGITAL OUTPUTS (CMOS MODE, 75
Ω, D0–D7 (A and B Channel), DCLKA, DCLKB, DORA, DORB)
Output-Voltage Low
VOL
ISINK = 200µA
0.2
V
Output-Voltage High
VOH
ISOURCE = 200µA
VOVDD
- 0.2
V
VOVDD applied
+0.5
Three-State Leakage Current
ILEAK
GND applied
-0.5
µA


Similar Part No. - MAX19505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX19505EVKIT MAXIM-MAX19505EVKIT Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505EVKIT++ MAXIM-MAX19505EVKIT+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results

Similar Description - MAX19505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
MAX19515 MAXIM-MAX19515_11 Datasheet
552Kb / 35P
   Dual-Channel, 10-Bit, 65Msps ADC
Rev 3; 1/11
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com