Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17007AGTI+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17007AGTI+
Description  Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17007AGTI+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17007AGTI+ Datasheet HTML 1Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 2Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 3Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 4Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 5Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 6Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 7Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 8Page - Maxim Integrated Products MAX17007AGTI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Dual and Combinable QPWM Graphics
Core Controllers for Notebook Computers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VDD = VCC = VEN1 = VEN2 = 5V, VREFIN1 = 2V, SKIP = GND, TA = 0 to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT LIMIT
CSH1, CSH2
0
2.3
Current-Sense Input Range
CSL1, CSL2
0
2.3
V
Current-Sense Input (CSH_)
Leakage Current
CSH_ = GND or VCC, TA = +25°C
-0.2
+0.2
μA
Current-Sense Input (CSL_)
Leakage Current
CSL_= CSL_ = 2V, TA = +25°C
1
μA
TA = +25°C
28
30
32
VCSH_ - VCSL_
ILIM1 = ILIM2 = REF
TA = 0°C to +85°C
27
30
33
VCSH_ - VCSL_, ILIM1 = ILIM2 = VCC
56
60
64
VCSH_ - VCSL_, ILIM1 = ILIM2 = OPEN
42
45
48
Current-Limit Threshold (Fixed)
VCSLIMIT
VCSH_ - VCSL_, ILIM1 = ILIM2 = GND
13
15
17
mV
Current-Limit Threshold
(Negative)
VNEG
VCSH_ - VCSL_,
SKIP = VCC
-1.2 x
VCSLIMIT
mV
Current-Limit Threshold
(Zero Crossing)
VZX
VCSH_ - VCSL_,
SKIP = GND or OPEN;
ILIM1 = ILIM2 = REF
1
mV
Ultrasonic Frequency
SKIP = OPEN (3.3V); VCSL1 = VREFIN1 + 50mV;
VCSL2 = VFB2 + 50mV
20
kHz
VCSL1 = VREF1 + 50mV
22
33
46
Ultrasonic Current-Limit
Threshold
SKIP = OPEN (3.3V)
VCSL2 = VFB2+ 50mV
18
30
46
mV
Current-Balance Amplifier (GMI)
Offset
[V(CSH1,CSL1) - V(CSH2,CSL2)] at ICCI = 0
-3
+3
mV
Current-Balance Amplifier (GMI)
Transconductance
ICCI/ [V(CSH1,CSL1) - V(CSH2,CSL2)];
VCCI = VCSL1 = VCSL2 = 0.5V to 2V, and
V(CSH_,CSL_) = -60.0mV to +60.0mV,
ILIM1 = GND
180
μS
GATE DRIVERS
Low state (pulldown)
1.7
4.0
DH1, DH2 Gate-Driver
On-Resistance
RON(DH)
BST_ - LX_ forced
to 5V
High state (pullup)
1.7
4.0
High state (pullup)
1.3
3.0
DL1, DL2 Gate-Driver
On-Resistance
RON(DL)
Low state (pulldown)
0.6
2.5
DH1, DH2 Gate-Driver
Source/Sink Current
IDH
DH_ forced to 2.5V, BST_ - LX_ forced to
5V
1.2
A
DL1, DL2 Gate-Driver
Source Current
IDL(SOURCE) DL_ forced to 2.5V
1
A
DL1, DL2 Gate-Driver
Sink Current
IDL(SINK)
DL_ forced to 2.5V
2.4
A
DH_ low to DL high
10
25
40
Driver Propagation Delay
DL_ low to DH high
15
30
45
ns


Similar Part No. - MAX17007AGTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007AGTI MAXIM-MAX17007AGTI Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
More results

Similar Description - MAX17007AGTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A_10 Datasheet
943Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 3; 9/10
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX8775 MAXIM-MAX8775 Datasheet
1Mb / 30P
   Dual and Combinable Graphics Core Controller for Notebook Computers
Rev 0; 11/06
MAX8716 MAXIM-MAX8716_V01 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
MAX8716 MAXIM-MAX8716 Datasheet
730Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
Rev 1; 6/05
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com