Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17015A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17015A
Description  1.2MHz, Low-Cost, High-Performance Chargers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17015A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17015A Datasheet HTML 4Page - Maxim Integrated Products MAX17015A Datasheet HTML 5Page - Maxim Integrated Products MAX17015A Datasheet HTML 6Page - Maxim Integrated Products MAX17015A Datasheet HTML 7Page - Maxim Integrated Products MAX17015A Datasheet HTML 8Page - Maxim Integrated Products MAX17015A Datasheet HTML 9Page - Maxim Integrated Products MAX17015A Datasheet HTML 10Page - Maxim Integrated Products MAX17015A Datasheet HTML 11Page - Maxim Integrated Products MAX17015A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
VAA LOAD REGULATION
LOAD CURRENT (mA)
0.8
0.2
0.4
0.6
4.197
4.196
4.198
4.200
4.199
4.201
4.203
4.202
4.205
4.204
4.195
01.0
1.2MHz, Low-Cost,
High-Performance Chargers
8
_______________________________________________________________________________________
LDO LOAD REGULATION
LDO CURRENT (mA)
35
510
15
20
25
30
5.35
5.40
5.45
5.50
5.30
040
LDO LINE REGULATION
INPUT VOLTAGE (V)
24
22
10
12
14
16
18
20
5.35
5.40
5.45
5.50
5.30
826
VAA vs. TEMPERATURE
TEMPERATURE (
°C)
60
80
-40
-20
0
20
40
4.1970
4.1980
4.1975
4.1985
4.1995
4.1990
4.2005
4.2000
4.1965
-60
100
HIGH-SIDE MOSFET OFF-TIME AND
SWITCHING FREQUENCY vs. BATTERY VOLTAGE
MAX17005A toc13
BATTERY VOLTAGE (V)
16
14
10
12
468
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
6
5
4
3
2
1
0
0
018
VIN = 20V
HIGH-SIDE MOSFET OFF-TIME
SWITCHING FREQUENCY
ADAPTER REMOVAL
MAX17005A toc16
200ms/div
5.00V
5.00V
5.00V
ADAPTER CURRENT
vs. ADAPTER VOLTAGE
ADAPTER VOLTAGE (V)
15
510
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
020
BATTERY LEAKAGE
BATTERY VOLTAGE (V)
14
16 18
68
2
4
10
12
50
100
150
200
250
300
350
400
0
020
Typical Operating Characteristics (continued)
(Circuit of Figure 1, adapter = 19V, battery = 10V, ISET = 1.05V, VCTL = GND, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX17015A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17015 MAXIM-MAX17015 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17015B MAXIM-MAX17015B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17015B MAXIM-MAX17015B Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
MAX17015BETP++ MAXIM-MAX17015BETP+ Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17015ETP MAXIM-MAX17015ETP Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
More results

Similar Description - MAX17015A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17005 MAXIM-MAX17005 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17435 MAXIM-MAX17435 Datasheet
2Mb / 28P
   High-Frequency, Low-Cost SMBus Chargers
2010
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com