Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17006A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17006A
Description  1.2MHz, Low-Cost, High-Performance Chargers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17006A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17006A Datasheet HTML 7Page - Maxim Integrated Products MAX17006A Datasheet HTML 8Page - Maxim Integrated Products MAX17006A Datasheet HTML 9Page - Maxim Integrated Products MAX17006A Datasheet HTML 10Page - Maxim Integrated Products MAX17006A Datasheet HTML 11Page - Maxim Integrated Products MAX17006A Datasheet HTML 12Page - Maxim Integrated Products MAX17006A Datasheet HTML 13Page - Maxim Integrated Products MAX17006A Datasheet HTML 14Page - Maxim Integrated Products MAX17006A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
______________________________________________________________________________________
11
CSA
A = 17.5V/V
CSSN
CSSP
Gm =
2.8
μA/mV
IINP
GMS
CSIN
CSIP
GMI
ISET
26mV
CHARGER
SHUTDOWN
CELL
SELECT
LOGIC
BATT
VAA
VCTL
GMV
CC
LOWEST
VOLTAGE
CLAMP
CSI
60mV
PWM
FILTER
DHI
DLO
PGND
LX
BST
LEVEL
SHIFT
HIGH-SIDE
DRIVER
LOW-SIDE
DRIVER
CCMP
IMIN
IMAX
IZX
10mV
OVP
DC-DC
CONVERTER
110mV
10mV
BDIV
BDIV
VCTL + 100mV
5.4V LINEAR
REGULATOR
4.2V
REFERENCE
DCIN
LDO
VAA
POWER
FAIL
LDO
AGND
BATT
VAA/2
ACOK
LDO
ACIN
MAX17005A
MAX17006A
MAX17015A
CSA
A = 17.5V/V
Figure 2. Functional Diagram
The MAX17005A/MAX17006A/MAX17015A feature a
voltage-regulation loop (CCV) and two current-regula-
tion loops (CCI and CCS). The loops operate indepen-
dently of each other. The CCV voltage-regulation loop
monitors BATT to ensure that its voltage never exceeds
the voltage set by VCTL. The CCI battery charge cur-
rent-regulation loop monitors current delivered to BATT
to ensure that it never exceeds the current limit set by
ISET. The charge current-regulation loop is in control as
long as the battery voltage is below the set point. When
the battery voltage reaches its set point, the voltage-
regulation loop takes control and maintains the battery
voltage at the set point. A third loop (CCS) takes control
and reduces the charge current when the adapter cur-
rent exceeds the input current limit.
The MAX17005A/MAX17006A/MAX17015A have single-
point compensation. The two current loops are internal-
ly compensated while the voltage loop is compensated
with a series RC network at CC pin. See the
CC Loop
Compensation section for the resistor and capacitor
selection. A functional diagram is shown in Figure 2.


Similar Part No. - MAX17006A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17006 MAXIM-MAX17006 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17006B MAXIM-MAX17006B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17006BETP++ MAXIM-MAX17006BETP+ Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17006ETP MAXIM-MAX17006ETP Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
More results

Similar Description - MAX17006A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17005 MAXIM-MAX17005 Datasheet
453Kb / 24P
   1.2MHz Low-Cost, High-Performance Chargers
Rev 0; 2/08
MAX17005B MAXIM-MAX17005B Datasheet
302Kb / 21P
   1.2MHz, Low-Cost, High-Performance Chargers
Rev 0; 4/09
MAX17435 MAXIM-MAX17435 Datasheet
2Mb / 28P
   High-Frequency, Low-Cost SMBus Chargers
2010
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com