Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16823AUE+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16823AUE+
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823AUE+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16823AUE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 10Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 11Page - Maxim Integrated Products MAX16823AUE+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
8
_______________________________________________________________________________________
ICM7555. When VSTOP is present, DIM is pulled up to
VSTOP. The PWM dimming operation is disabled and
the LEDs light up to full brightness. See the ICM7555
data sheet for formulas to calculate the dimming fre-
quency and the duty cycle.
Outputs Latch-Off
Figure 3 shows a circuit with DIM1, DIM2, DIM3, and
LEDGOOD connected through a resistor to VREG. This
circuit is useful for applications that require all outputs
to latch off when one of the LEDs opens. The
MAX16823 resumes current regulation again through
power cycling, once the fault condition is removed.
Other Applications
The application circuit in Figure 4 implements a two-
level brightness current for TAIL/STOP lights. In TAIL
operation, Q1 is off and RCS1 sets the output current. In
STOP operation, Q1 turns on and the output current is
set by a parallel combination of RCS1 and R2.
Figure 5 shows an application circuit with the
MAX16823 using a single BJT to provide high output
current. For proper operation:
For minimized dropout, the LEDs can be placed in the
collector.
VV
V
V
V
IN MIN
BE MAX
FT MAX
CS
DO MAX
(
)
()
()
_
(
)
>+
+
+
DIM
tON
LEDGOOD
LEDGOOD GOES
LOW WHEN tOFF > tDELAY
tOFF
Figure 1. LEDGOOD Timing Delay
IN
DIM2
CS1
REG
OUT1
GND
RCS1
RCS2
RCS3
LEDs
0.1
µF
TH
TRG
GND
OUT
IN
DIS
ICM7555
R3
C2
R2
R1
D1
D4
C1
D2
D3
TAIL
STOP
DIM1
DIM3
OUT2
OUT3
CS2
CS3
MAX16823
100k
Figure 2. PWM Dimming Operation with ICM7555


Similar Part No. - MAX16823AUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823AUE++ MAXIM-MAX16823AUE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823AUE++ MAXIM-MAX16823AUE+ Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823AUE++ MAXIM-MAX16823AUE+ Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results

Similar Description - MAX16823AUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com