Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16823ATE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16823ATE+
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823ATE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16823ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
10
______________________________________________________________________________________
Preload Current
Figure 6 shows the MAX16823 with a preload circuit. In
the circuit, the BJT, RPRELOAD, and REG generate a
preset load current. The preset load current IPRESET is
determined with the following formula:
This circuit is used with older body controllers that
monitor minimum RCL current to detect failures.
I
VV
R
PRESET
REG
PRELOAD
=
− 07
.
IN
DIM_
GND
RCS_
LEDs
Q1
CIN
VIN
OUT_
CS_
MAX16823
REG
C2
PWM DIMMING
Figure 5. Increased LED Current (Amper Range) with a Single
BJT
RCS1
RCS2
RCS3
OUT3
CS1
CS2
CS3
GND
DIM2
DIM1
STOP
TAIL
IN
IN
IN
CIN
RPRELOAD
CLGC
CREG
LGC
DIM3
REG
OUT2
OUT1
MAX16823
TAIL
TAIL
STOP
100k
100k
Figure 6. Preload Current Setting


Similar Part No. - MAX16823ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results

Similar Description - MAX16823ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com