Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16823ATE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16823ATE+
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823ATE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16823ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX16823ATE+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
_______________________________________________________________________________________
7
Pulse-Dimming Inputs (DIM_)
The MAX16823 features pulsed or chopped-current
dimming inputs (DIM_) to chop the LED current and to
adjust the brightness. DIM_ also serves as an active-
high enable input. A logic-low at DIM_ turns off OUT_
and a logic-high turns on OUT_. If the signal at DIM
stays low more than the programmed LEDGOOD delay
time, LEDGOOD goes low (Figure 1).
Two Brightness Levels for
TAIL/STOP Lights
Figure 2 shows the PWM dimming operation for the
MAX16823 with an ICM7555 timer. The ICM7555 pro-
vides an adjustable duty cycle using two external resis-
tors and a capacitor. In TAIL operation, the output of
the ICM7555 feeds into DIM and lights up the LEDs.
The LED’s brightness depends on the duty cycle of the
I_REG
MAX16823
I_REG
I_REG
IN
IN
IN
OUT1
CS1
OUT2
OUT3
UVLO
THERMAL
SHUTDOWN
LGC
LEDGGOOD
DIM3
DIM2
DIM1
GND
IN
IN
IN
BANDGAP
LEDGOOD
DETECTOR
CS2
CS3
REG
Block Diagram


Similar Part No. - MAX16823ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823ATE++ MAXIM-MAX16823ATE+ Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
More results

Similar Description - MAX16823ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com