Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16823 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16823
Description  High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16823 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16823_08 Datasheet HTML 1Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 2Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 3Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 4Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 5Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 6Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 7Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 8Page - Maxim Integrated Products MAX16823_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Voltage, 3-Channel Linear High-Brightness
LED Driver with Open LED Detection
_______________________________________________________________________________________
3
Note 1: All devices 100% production tested at TJ = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: Dropout is measured as follows: Connect a resistor from OUT_ to CS_. Connect RCS_ = 2.85Ω from CS_ to GND.
Set VIN = VOUT + 3V (record VOUT as VOUTA). Reduce VIN until VOUT = 0.97 x VOUTA (record as VINB and VOUTB).
VDO = VINB - VOUTB.
Note 3: Output current rise and fall times are measured with a 62Ω series resistor from OUT_ to CS_.
Note 4: Overtemperature protection does not function if the output of the 3.4V reference (REG) is shorted to ground.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT SENSE
Regulated CS_ Voltage
VCS_
5mA ≤ IOUT_ ≤ 70mA
193
203
213
mV
Input Current (CS1, CS2, CS3)
Current out of CS_
+1.2
µA
OVERTEMPERATURE PROTECTION (Note 4)
Thermal Shutdown Temperature
155
°C
Thermal Shutdown Hysteresis
23
°C
3.4V REGULATOR (REG)
3.275
3.41
3.547
Output Voltage
VREG
0 ≤ IREG ≤ 4mA
3.221
3.38
3.547
V
REG Short-Circuit Current
VREG = 0V
13
mA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, CREG = 0.1µF, IREG = 0, CLGC = 15nF, VDIM1 = VDIM2 = VDIM3 = 3.4V, RCS_ = 2.85
Ω from CS_ to GND, TJ = TA = -40°C
to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Typical Operating Characteristics
(VIN = 12V, CREG = 0.1µF, IREG = 0, VLGC = unconnected, connect RCS_ = 2.85
Ω from CS_ to GND. Connect OUT_ to CS_ through
a resistor, TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
VCS_ vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
0
10203040506070
0.200
0.201
0.202
0.203
0.204
0.205
0.206
0.207
0.208
0.209
0.210
OUTPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
90
100
IOUT = 70mA
IOUT = 5mA
OUTPUT CURRENT vs. TEMPERATURE
TEMPERATURE (
°C )
-40 -25 -10 5
20 35 50 65 80 95 110 125
0
10
20
30
40
50
60
70
80
90
100
ILOAD = 5mA
ILOAD = 35mA
ILOAD = 70mA


Similar Part No. - MAX16823_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
More results

Similar Description - MAX16823_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com