Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16053 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16053
Description  High-Voltage, Adjustable Sequencing/Supervisory Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16053 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16053 Datasheet HTML 2Page - Maxim Integrated Products MAX16053 Datasheet HTML 3Page - Maxim Integrated Products MAX16053 Datasheet HTML 4Page - Maxim Integrated Products MAX16053 Datasheet HTML 5Page - Maxim Integrated Products MAX16053 Datasheet HTML 6Page - Maxim Integrated Products MAX16053 Datasheet HTML 7Page - Maxim Integrated Products MAX16053 Datasheet HTML 8Page - Maxim Integrated Products MAX16053 Datasheet HTML 9Page - Maxim Integrated Products MAX16053 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IN LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
1
2
3
4
5
6
7
8
9
10
0
-40
125
VCC = 16V
VCC = VEN = VIN
IN LEAKAGE CURRENT
vs. IN VOLTAGE
IN VOLTAGE (V)
14
12
8
10
4
6
2
-8
-6
-4
-2
0
2
4
6
8
10
-10
016
VCC = 16V
VCC = VEN
High-Voltage, Adjustable
Sequencing/Supervisory Circuits
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
MAXIMUM TRANSIENT DURATION
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
100
10
50
100
150
200
250
300
0
11000
RESET OCCURS ABOVE
THIS CURVE
ENABLE TURN-ON DELAY
(MAX16053)
MAX16052/53 toc08
10
μs/div
EN
2V/div
OUT
2V/div
ENABLE TURN-OFF DELAY
(MAX16053)
MAX16052/53 toc09
400ns/div
EN
2V/div
OUT
2V/div


Similar Part No. - MAX16053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16053 MAXIM-MAX16053 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX16053AUT+T MAXIM-MAX16053AUT+T Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
More results

Similar Description - MAX16053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
logo
Analog Devices
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com