Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15035ETL+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15035ETL+
Description  15A Step-Down Regulator with Internal Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15035ETL+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15035ETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 9Page - Maxim Integrated Products MAX15035ETL+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Typical Operating Characteristics
(MAX15035 Circuit of Figure 1, VIN = 12V, VDD = 5V, SKIP = GND, RTON = 200kΩ, TA = +25°C, unless otherwise noted.)
15A Step-Down Regulator with Internal Switches
6
_______________________________________________________________________________________
1.5V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
0.1
30
40
50
60
70
80
90
100
20
0.01
100
SKIP MODE
PWM MODE
7V
20V
12V
1.5V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
0.1
30
40
50
60
70
80
90
100
20
0.01
100
SKIP MODE
PWM MODE
ULTRASONIC
MODE
1.5V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1.495
1.505
1.515
1.485
015
SKIP MODE
PWM MODE
ULTRASONIC
MODE
1.05V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
0.1
30
40
50
60
70
80
90
100
20
0.01
100
SKIP MODE
PWM MODE
7V
20V
20V
12V
12V
1.05V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
0.1
30
40
50
60
70
80
90
100
20
0.01
100
SKIP MODE
PWM MODE
ULTRASONIC
MODE
1.05V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1.05
1.06
1.04
015
ULTRASONIC
MODE
SKIP MODE
PWM MODE
3.3V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
0.1
30
40
50
60
70
80
90
100
20
0.01
100
20V
12V
7V
SKIP MODE
PWM MODE
3.3V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
0.1
30
40
50
60
70
80
90
100
20
0.01
100
SKIP MODE
PWM MODE
ULTRASONIC
MODE
3.3V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
3.380
3.365
3.350
3.320
3.305
3.290
3.275
3.260
3.245
3.335
3.230
015
ULTRASONIC
MODE
PWM MODE
SKIP MODE


Similar Part No. - MAX15035ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035ETL++ MAXIM-MAX15035ETL+ Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
More results

Similar Description - MAX15035ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
logo
Linear Technology
LTC3613 LINER-LTC3613 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
Linear Technology
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com