Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA621010EGR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA621010EGR2
Description  Digital Dual Axis Micromachined Accelerometer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA621010EGR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA621010EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
MMA6222EG
Sensors
Freescale Semiconductor
5
1.4
PIN FUNCTION DESCRIPTIONS
1.4.1
VCC
This pin supplies power to the device. Careful printed wiring board layout and capacitor placement is critical to ensure best per-
formance. An external bypass capacitor between this pin and VSS is required, as described in Section 1.5.
1.4.2
VSS
This pin is the power supply return node for the digital circuitry on the MMA62XXEG device.
1.4.3
VSSA
This pin is the power supply return node for analog circuitry on the MMA62XXAEG device. An external bypass capacitor between
this pin and VCC is required, as described in Section 1.5.
1.4.4
CREG
This pin is connected to the internal digital circuitry power supply rail. An external filter capacitor must be connected between this
pin and VSS, as described in Section 1.5.
1.4.5
CREGA
These pins are connected in parallel to the internal analog circuitry power supply rail. One or two external filter capacitors must
be connected between these pins and VSSA, as described in Section 1.5. Two pins are provided to support redundant connection
to the printed wiring board assembly. Redundant external capacitors may be connected to these pins for maximum reliability, as
described in Section 1.5.
1.4.6
CREF
These pins are connected in parallel to an internal reference voltage node utilized by the analog circuitry. One or two external
filter capacitors must be connected between these pins and VSSA, as described shown in Section 1.5. Two pins are provided to
support redundant connection to the printed wiring board assembly. Redundant external capacitors may be connected to these
pins for maximum reliability, as described in Section 1.5.
1.4.7
VPP
This pin should be tied directly to VSS.
1.4.8
SCLK
This input pin provides the serial clock to the SPI port. The state of this pin is also used as a qualifier for externally-controlled
reset. An internal pull-down device is connected to this pin. This input may be left unconnected unless it is desired to initiate de-
vice reset as described in Section 1.4.9.
1.4.9
CS/RESET
This pin provides two functions. When the SPI is enabled, this pin functions as the chip select input for the SPI port. The state of
the DIN pin during low-to-high transitions of SCLK is latched internally and DOUT is enabled when CS is at a logic low level.
This pin may also be used to initiate a hardware reset. If CS is held low and SCLK is held high for 512
μs, the internal reset signal
is asserted.
An internal pull-up device is connected to this pin.
1.4.10
DOUT
This pin functions as the serial data output for the SPI port.
Immediately following device reset, DOUT is placed in a high impedance state for approximately 800 μs. At the end of this time,
DOUT is driven high and a 3ms stabilization delay required by the internal circuitry begins. Reset is reported by the device so the
system can be aware of potential difficulties if unexpected resets occur.
1.4.11
DIN
This pin functions as the serial data input to the SPI.


Similar Part No. - MMA621010EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA621010EGR2 FREESCALE-MMA621010EGR2 Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results

Similar Description - MMA621010EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com