Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA621010AEG Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA621010AEG
Description  Analog Dual Axis Micromachined Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA621010AEG Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA621010AEG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA621010AEG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MMA6222AEG
Sensors
Freescale Semiconductor
3
1.2
BLOCK DIAGRAM
A block diagram illustrating the major components of the design is shown in Figure 1-2.
Figure 1-2 MMA62XXAEG Block Diagram
Figure 1-3 MMA62XXAEG DSP Block Diagram
NOTE: Models of signal chain are available upon request
VCC
VSS
ST
STATUS
SCLK
RESET
SELF-TEST
CREG
CREF
VPP
XOUT
INTERFACE
TEMP.
SENSOR
SD
CONVERTER
VOLTAGE
REGULATOR
g-CELL
(Y)
g-CELL
(X)
CONTROL
LOGIC
UNIT
DATA ARRAY
PROGRAMMABLE
SD
CONVERTER
CLOCK
INTERNAL
MONITOR
CREGA
CAP/HOLD
DAC
YOUT
Y IN
X IN
DIGITAL
Y OUT
X OUT
DSP
TEMP
(SEE FIGURE 1-2)
OUT
CONTROL
IN
STATUS
OUT
DAC
CREF
CREGA
VSSA
CLOCK
PRIMARY
OSCILLATOR
REFERENCE
OSCILLATOR
SINC
FILTER
SINC
FILTER
OFFSET,
LOW-PASS
FILTER
TO X DAC
GAIN,
LINEARITY
ADJUST
OUTPUT
SCALING
DSP
CONTROL
TO Y DAC
TEMP
CONTROL
IN
OFFSET
MONITOR
Y IN
X IN
OUT


Similar Part No. - MMA621010AEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA621010AEG FREESCALE-MMA621010AEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA621010AEG NXP-MMA621010AEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
logo
Freescale Semiconductor...
MMA621010AEGR2 FREESCALE-MMA621010AEGR2 Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA621010AEGR2 NXP-MMA621010AEGR2 Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results

Similar Description - MMA621010AEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com