Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13102EETL+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13102EETL+
Description  16-Channel Buffered CMOS Logic-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13102EETL+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13102EETL+ Datasheet HTML 1Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX13102EETL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
16-Channel Buffered CMOS
Logic-Level Translators
_______________________________________________________________________________________
5
Test Circuits/Timing Diagrams
MAX13101E
MAX13102E
MAX13103E
MAX13108E
SOURCE
RS
6k
Ω
6k
Ω
ALL UNUSED I/O VCC_ AND I/O VL_ CONNECTED TO GND
I/O VL_
EN/(MULT)
VL
VCC
I/O VCC_
CI/OVCC_
( ) ARE FOR THE MAX13108E
tPHL
tPLH
50%
90%
10%
I/O VCC_
I/O VL_
90%
50%
10%
90%
50%
10%
tRISE/FALL ≤ 3ns
tFVCC
tPVL-VCC = tPHL or tPLH
tRVCC
SOURCE
RS
I/O VL_
EN/(MULT)
VL
VCC
I/O VCC_
CI/OVL_
MAX13101E
MAX13102E
MAX13103E
MAX13108E
6k
Ω
6k
Ω
ALL UNUSED I/O VCC_ AND I/O VL_ CONNECTED TO GND
( ) ARE FOR THE MAX13108E
tPHL
tPLH
I/O VL_
I/O VCC_
90%
50%
10%
90%
50%
10%
50%
90%
10%
tRISE/FALL ≤ 3ns
tFVL
tRVL
tPVCC-VL = tPHL or tPLH
Figure 1a. Driving I/O VL_
Figure 1b. Timing for Driving I/O VL_
Figure 2a. Driving I/O VCC_
Figure 2b. Timing for Driving I/O VCC_


Similar Part No. - MAX13102EETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1310 MAXIM-MAX1310 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1310 MAXIM-MAX1310 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1310ECM MAXIM-MAX1310ECM Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1310ECM MAXIM-MAX1310ECM Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1310ECM++ MAXIM-MAX1310ECM+ Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
More results

Similar Description - MAX13102EETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
logo
Analog Devices
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com