Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13235EETP+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX13235EETP+
Description  3Mbps RS-232 Transceivers with Low-Voltage Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13235EETP+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX13235EETP+ Datasheet HTML 7Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 8Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 9Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 10Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 11Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 12Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 13Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 14Page - Maxim Integrated Products MAX13235EETP+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
3Mbps RS-232 Transceivers with
Low-Voltage Interface
______________________________________________________________________________________
11
Table 1. Transceiver Mode Control
FORCEOFF
FORCEON
R_IN or T_IN
EDGE WITHIN 30s
T_OUT
R_OUT
TRANSCEIVER STATUS
0X
X
High-Impedance
Active
Shutdown (Forced Off)
1
1
X
Active
Active
Normal Operation (Forced On)
1
0
Yes
Active
Active
Normal Operation in AutoShutdown Plus
10
No
High-Impedance
Active
Shutdown in AutoShutdown Plus
X = Don’t Care.
R_IN
T_IN
R
S
30s
TIMER
EDGE
DETECT
EDGE
DETECT
FORCEOFF
FORCEON
POWERDOWN*
AUTOSHDN
FORCEOFF
FORCEON
* POWERDOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 6. AutoShutdown Plus and Shutdown Logic


Similar Part No. - MAX13235EETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13235EETP++ MAXIM-MAX13235EETP+ Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
More results

Similar Description - MAX13235EETP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E_V01 Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com