Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX31C Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCIMX31C
Description  Multimedia Applications Processors
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31C Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCIMX31C Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX31C Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
MCIMX31/MCIMX31L Technical Data, Rev. 4.1
8
Freescale Semiconductor
Functional Description and Application Information
SCC
Security
Controller
Module
Security
The SCC is a hardware component composed of two blocks—the
Secure RAM module, and the Security Monitor. The Secure RAM
provides a way of securely storing sensitive information.
SDHC
Secured Digital
Host Controller
Connectivity
Peripheral
The SDHC controls the MMC (MultiMediaCard), SD (Secure Digital)
memory, and I/O cards by sending commands to cards and
performing data accesses to and from the cards.
4.3.19/89
SDMA
Smart Direct
Memory Access
System
Control
Peripheral
The SDMA controller maximizes the system’s performance by
relieving the ARM core of the task of bulk data transfer from memory
to memory or between memory and on-chip peripherals.
SIM
Subscriber
Identification
Module
Connectivity
Peripheral
The SIM interfaces to an external Subscriber Identification Card. It is
an asynchronous serial interface adapted for Smart Card
communication for e-commerce applications.
4.3.20/90
SJC
Secure JTAG
Controller
Debug
The SJC provides debug and test control with maximum security and
provides a flexible architecture for future derivatives or future
multi-cores architecture.
4.3.21/94
SSI
Synchronous
Serial Interface
Multimedia
Peripheral
The SSI is a full-duplex, serial port that allows the device to
communicate with a variety of serial devices, such as standard
codecs, Digital Signal Processors (DSPs), microprocessors,
peripherals, and popular industry audio codecs that implement the
inter-IC sound bus standard (I2S) and Intel AC97 standard.
4.3.22/96
UART
Universal
Asynchronous
Receiver/Trans
mitter
Connectivity
Peripheral
The UART provides serial communication capability with external
devices through an RS-232 cable or through use of external circuitry
that converts infrared signals to electrical signals (for reception) or
transforms electrical signals to signals that drive an infrared LED (for
transmission) to provide low speed IrDA compatibility.
USB
Universal Serial
Bus—
2 Host
Controllers and
1 OTG
(On-The-Go)
Connectivity
Peripherals
• USB Host 1 is designed to support transceiverless connection to
the on-board peripherals in Low Speed and Full Speed mode, and
connection to the ULPI (UTMI+ Low-Pin Count) and Legacy Full
Speed transceivers.
• USB Host 2 is designed to support transceiverless connection to
the Cellular Modem Baseband Processor.
• The USB-OTG controller offers HS/FS/LS capabilities in Host
mode and HS/FS in device mode. In Host mode, the controller
supports direct connection of a FS/LS device (without external
hub). In device (bypass) mode, the OTG port functions as gateway
between the Host 1 Port and the OTG transceiver.
4.3.23/104
WDOG
Watchdog Timer
Module
Timer
Peripheral
The WDOG module protects against system failures by providing a
method for the system to recover from unexpected events or
programming errors.
Table 3. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page


Similar Part No. - MCIMX31C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31CJKN5D FREESCALE-MCIMX31CJKN5D Datasheet
2Mb / 118P
   Multimedia Applications Processors
More results

Similar Description - MCIMX31C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
   Power management for multimedia processors
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
   Multimedia Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com