Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13234EEUP+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13234EEUP+
Description  3Mbps RS-232 Transceivers with Low-Voltage Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13234EEUP+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13234EEUP+ Datasheet HTML 1Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 2Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 3Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX13234EEUP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3Mbps RS-232 Transceivers with
Low-Voltage Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, VL = +1.62V to VCC, TA = -40°C to +85°C, C1–C4 = 0.1µF, VCC = VL, tested at 3.3V ±10%. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER INPUTS
Input-Voltage Range
-25
+25
V
VCC = +3.3V
0.6
1.2
Input Threshold Low
VIL
TA = +25°C
VCC = +5V
0.8
1.5
V
VCC = +3.3V
1.5
2.4
Input Threshold High
VIH
TA = +25°C
VCC = +5V
1.8
2.4
V
Input Hysteresis
0.5
V
Input Resistance
357
k
Ω
TRANSMITTER OUTPUTS
Output-Voltage Swing
All transmitter outputs loaded with 3k
Ω to
GND
±5
±5.4
V
Output Resistance
VCC = V+ = V- = 0V, transmitter outputs =
±2V
300
10M
Ω
Output Short-Circuit Current
-60
+60
mA
Output Leakage Current
VCC = 0V or +3V to +5.5V, VOUT = ±12V,
transmitters disabled
-25
+25
µA
AutoShutdown Plus (FORCEON = GND,
FORCEOFF = VL)
Positive threshold, Figure 1
2.7
V
Receiver Input Threshold Valid
Level
Negative threshold, Figure 1
-2.7
V
Receiver Input Threshold
Invalid Level
Figure 1
-0.3
+0.3
V
Receiver or Transmitter Edge-to-
Transmitters Enabled
tWU
VL = 5V, Figure 1 (Note 3)
100
µs
Receiver or Transmitter Edge-to-
Transmitters Shutdown
tAUTOSHDN VL = 5V, Figure 1 (Note 3)
15
30
60
s
TIMING CHARACTERISTICS (MAX13234E/MAX13236E)
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF, one transmitter
switching
250
kbps
Receiver Propagation Delay
tRPHL,
tRPLH
CL = 150pF, Figures 2, 3
0.15
µs
Transmitter Skew
|tTPHL -
tTPLH|
Figures 4, 5 (Note 4)
100
ns
Receiver Skew
|tRPHL -
tRPLH|
Figures 2, 3
50
ns


Similar Part No. - MAX13234EEUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13234EEUP++ MAXIM-MAX13234EEUP+ Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
More results

Similar Description - MAX13234EEUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E_V01 Datasheet
265Kb / 17P
   3Mbps RS-232 Transceivers with Low-Voltage Interface, 짹15kV HBM ESD
19-4343; Rev 1; 12/14
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
   RS-232 Interface
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com