Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF54453 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF54453
Description  MCF5445x ColdFire짰 Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF54453 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF54453 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF54453 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MCF5445x ColdFire® Microprocessor Data Sheet, Rev. 3
MCF5445x Family Comparison
Freescale Semiconductor
4
1
MCF5445x Family Comparison
The following table compares the various device derivatives available within the MCF5445x family.
Table 1. MCF5445x Family Configurations
Module
MCF54450
MCF54451
MCF54452
MCF54453
MCF54454
MCF54455
ColdFire Version 4 Core with EMAC
(Enhanced Multiply-Accumulate Unit)
••••
••
Core (System) Clock
up to 240 MHz
up to 266 MHz
Peripheral Bus Clock
(Core clock
÷ 2)
up to 120 MHz
up to 133 MHz
External Bus Clock
(Core clock
÷ 4)
up to 60 MHz
up to 66 MHz
Performance (Dhrystone/2.1 MIPS)
up to 370
up to 410
Independent Data/Instruction Cache
16 KBytes each
Static RAM (SRAM)
32 KBytes
PCI Controller
••••
••
Cryptography Acceleration Unit (CAU)
ATA Controller
————
DDR SDRAM Controller
••••
••
FlexBus External Interface
••••
••
USB 2.0 On-the-Go
••••
••
UTMI+ Low Pin Interface (ULPI)
••••
••
Synchronous Serial Interface (SSI)
••••
••
Fast Ethernet Controller (FEC)
1
12222
UARTs
3
33333
I2C
••••
••
DSPI
••••
••
Real Time Clock
••••
••
32-bit DMA Timers
4
44444
Watchdog Timer (WDT)
••••
••
Periodic Interrupt Timers (PIT)
4
44444
Edge Port Module (EPORT)
••••
••
Interrupt Controllers (INTC)
2
22222
16-channel Direct Memory Access (DMA)
••••
••
General Purpose I/O Module (GPIO)
••••
••
JTAG — IEEE® 1149.1 Test Access Port
••••
••
Package
256 MAPBGA
360 TEPBGA


Similar Part No. - MCF54453

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF54453 FREESCALE-MCF54453 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF54453 NXP-MCF54453 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
MCF54453CVP200 NXP-MCF54453CVP200 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
logo
Freescale Semiconductor...
MCF54453CVR200 FREESCALE-MCF54453CVR200 Datasheet
930Kb / 46P
   Microprocessor
MCF54453CVR200 FREESCALE-MCF54453CVR200 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results

Similar Description - MCF54453

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
logo
Freescale Semiconductor...
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC_08 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com