Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9939AUB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9939AUB+
Description  SPI Programmable-Gain Amplifier with Input Vos Trim and Output Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9939AUB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9939AUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX9939AUB+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SPI Programmable-Gain Amplifier
with Input Vos Trim and Output Op Amp
8
_______________________________________________________________________________________
CMRR, gain accuracy, and very low temperature drift
due to precise resistor matching. The output of this
amplifier is level shifted to VCC/2.
This amplifier is followed by a programmable-gain
inverting amplifier (amplifier A) with programmable RF
and RI resistors whose gain varies between 0.2V/V and
157V/V. The output of this amplifier is biased at
VCC/2 and has extremely high gain accuracy and low
temperature drift.
The MAX9939 has an uncommitted op amp (amplifier
B) whose noninverting input is referenced to VCC/2. Its
inverting input and output are externally accessible,
allowing it to be configured either as an active filter or
as a differential output.
A robust input ESD protection scheme allows input volt-
ages at INA+ and INA- to reach ±16V without damag-
ing the MAX9939, thus making the part extremely
attractive for use in front-ends that can be exposed to
high voltages during fault conditions. In addition, its
input-voltage range extends down to -VCC/2 (e.g., -2.5V
when powered from a 5V single supply) allowing the
MAX9939 to translate below ground signals to a 0V to
5V output signal. This feature simplifies interfacing
ground-referenced signals with unipolar-input ADCs.
SPI-Compatible Serial Interface
The MAX9939 has a write-only interface, consisting of
three inputs: the clock signal (SCLK), data input (DIN),
and chip-select input (
CS). The serial interface works
with the clock polarity (CPOL) and clock phase (CPHA)
both set to 0 (see Figure 1). Initiating a write to the
MAX9939 is accomplished by pulling
CS low. Data is
clocked in on the rising edge of each clock pulse, and
is written LSB first. Each write to the MAX9939 consists
of 8 bits (1 byte). Pull
CS high after the 8th bit has been
clocked in to latch the data and before sending the
next byte of instruction. Note that the internal register is
not updated if
CS is pulled high before the falling edge
of the 8th clock pulse.
Register Description
The MAX9939 consists of three registers: a shift register
and two internal registers. The shift register accepts
data and transfers it to either of the two internal regis-
ters. The two internal registers store data that is used to
determine the gain, input offset voltage, and operating
modes of the amplifier. The two internal registers are the
Input VOS Trim register and Gain register. The format of
the 8-bit write to these registers is shown in Tables 1
and 2. Data is sent to the shift register LSB first.
SEL: The SEL bit selects which internal register is writ-
ten to. Set SEL to 0 to write bits D5:D1 to the input VOS
trim register. Set SEL to 1 to write D4:D1 to the Gain
register (D5 is don’t care when SEL = 1).
CS
SCLK
DIN
D7
D6
D5
D5
D4
D3
D2
D1
D0
Figure 2. SPI Interface Timing Diagram (CPOL = CPHA = 0)
D7
MSB
D6
D5
D4
D3
D2
D1
D0
LSB
SHDN MEAS
V4
V3
V2
V1
V0
SEL = 0
Table 1. Input VOS Trim Register
D7
MSB
D6
D5
D4
D3
D2
D1
D0
LSB
SHDN MEAS
X
G3
G2
G1
G0
SEL = 1
X = Don’t care.
Table 2. Gain Register


Similar Part No. - MAX9939AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9939AUB++ MAXIM-MAX9939AUB+ Datasheet
368Kb / 15P
   SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 1; 2/09
MAX9939AUB++ MAXIM-MAX9939AUB+ Datasheet
1Mb / 15P
   SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
2019
More results

Similar Description - MAX9939AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9939 MAXIM-MAX9939_10 Datasheet
304Kb / 15P
   SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 2; 12/10
MAX9939 MAXIM-MAX9939_09 Datasheet
368Kb / 15P
   SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
Rev 1; 2/09
MAX9939 MAXIM-MAX9939_V01 Datasheet
1Mb / 15P
   SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
2019
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
   Gain Trim Amplifier (GTA)
LMV751 NSC-LMV751 Datasheet
259Kb / 8P
   Low Noise, Low Vos, Single Op Amp
logo
Maxim Integrated Produc...
MAX17094EVKIT MAXIM-MAX17094EVKIT Datasheet
569Kb / 13P
   Digitally Programmable Op-Amp Output Voltage
Rev 0; 2/09
logo
Elantec Semiconductor
EL2006 ELANTEC-EL2006 Datasheet
247Kb / 12P
   High Gain Fast FET Input Op Amp
logo
Texas Instruments
LMV751 TI1-LMV751 Datasheet
907Kb / 18P
[Old version datasheet]   LMV751 Low Noise, Low Vos, Single Op Amp
logo
National Semiconductor ...
LMV751 NSC-LMV751_14 Datasheet
901Kb / 18P
   LMV751 Low Noise, Low Vos, Single Op Amp
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
   Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com