Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9700BEBC-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9700BEBC-T
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700BEBC-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9700BEBC-T Datasheet HTML 1Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 2Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 3Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 4Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 5Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = PVDD = VSHDN = 3.3V, VGND = VPGND = 0V, SYNC = GND (FFM), RL = 8Ω, RL connected between OUT+ and OUT-,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND..............................................................................6V
PVDD to PGND .........................................................................6V
GND to PGND .......................................................-0.3V to +0.3V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Continuous Current Into/Out of PVDD/PGND/OUT_........±600mA
Continuous Input Current (all other pins) .........................±20mA
Duration of OUT_ Short Circuit to GND or PVDD........Continuous
Duration of Short Circuit Between OUT+ and OUT- ..Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (derate 24.4mW/°C above +70°C) .....1951.2mW
10-Pin µMAX (derate 5.6mW/oC above +70°C) .........444.4mW
12-Bump UCSP (derate 6.1mW/°C above +70°C)........484mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering)
Reflow ..........................................................................+235°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
Inferred from PSRR test
2.5
5.5
V
Quiescent Current
IDD
45.2
mA
Shutdown Current
ISHDN
0.1
10
µA
Turn-On Time
tON
30
ms
Input Resistance
RIN
TA = +25°C
12
20
k
Ω
Input Bias Voltage
VBIAS
Either input
0.73
0.83
0.93
V
MAX9700A
6
MAX9700B
12
MAX9700C
15.6
Voltage Gain
AV
MAX9700D
20
dB
TA = +25°C
±11
±80
Output Offset Voltage
VOS
TMIN
≤ TA ≤ TMAX
±120
mV
Common-Mode Rejection Ratio
CMRR
fIN = 1kHz, input referred
72
dB
VDD = 2.5V to 5.5V, TA = +25°C
50
70
fRIPPLE = 217Hz
72
Power-Supply Rejection Ratio
(Note 3)
PSRR
200mVP-P ripple
fRIPPLE = 20kHz
55
dB
RL = 8
Ω
450
Output Power
POUT
THD+N = 1%
RL = 6
Ω
800
mW
RL = 8
Ω,
POUT = 125mW
0.01
Total Harmonic Distortion
Plus Noise
THD+N
fIN = 1kHz, either
FFM or SSM
RL = 6
Ω,
POUT = 125mW
0.01
%


Similar Part No. - MAX9700BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700BEBC-T MAXIM-MAX9700BEBC-T Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
More results

Similar Description - MAX9700BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com