Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9700BEBC-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9700BEBC-T
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700BEBC-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9700BEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 9Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 10Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 11Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 12Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 13Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 14Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
______________________________________________________________________________________
11
Shutdown
The MAX9700 has a shutdown mode that reduces power
consumption and extends battery life. Driving
SHDN low
places the MAX9700 in a low-power (0.1µA) shutdown
mode. Connect
SHDN to VDD for normal operation.
Click-and-Pop Suppression
The MAX9700 features comprehensive click-and-pop
suppression that eliminates audible transients on start-
up and shutdown. While in shutdown, the H-bridge is in
a high-impedance state. During startup or power-up,
the input amplifiers are muted and an internal loop sets
the modulator bias voltages to the correct levels, pre-
venting clicks and pops when the H-bridge is subse-
quently enabled. For 35ms following startup, a soft-start
function gradually unmutes the input amplifiers.
Applications Information
Filterless Operation
Traditional class D amplifiers require an output filter to
recover the audio signal from the amplifier’s output. The
filters add cost, increase the solution size of the amplifi-
er, and can decrease efficiency. The traditional PWM
scheme uses large differential output swings (2 x VDD
peak-to-peak) and causes large ripple currents. Any
parasitic resistance in the filter components results in a
loss of power, lowering the efficiency.
The MAX9700 does not require an output filter. The
device relies on the inherent inductance of the speaker
coil and the natural filtering of both the speaker and the
human ear to recover the audio component of the
square-wave output. Eliminating the output filter results
in a smaller, less costly, more efficient solution.
Because the frequency of the MAX9700 output is well
beyond the bandwidth of most speakers, voice coil
movement due to the square-wave frequency is very
small. Although this movement is small, a speaker not
designed to handle the additional power can be dam-
aged. For optimum results, use a speaker with a series
inductance >10µH. Typical 8Ω speakers exhibit series
inductances in the 20µH to 100µH range.
Power-Conversion Efficiency
Unlike a class AB amplifier, the output offset voltage of
a class D amplifier does not noticeably increase quies-
cent current draw when a load is applied. This is due to
Figure 3. MAX9700 EMI Spectrum
30.0
60.0
80.0
100.0 120.0 140.0 160.0 180.0
280.0 300.0
220.0
200.0
240.0 260.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
FREQUENCY (MHz)
Figure 4. MAX9700 Outputs with No Input Signal
VIN = 0V
OUT-
OUT+
VOUT+ - VOUT- = 0V
Figure 5. MAX9700 Efficiency vs. Class AB Efficiency
0
30
20
10
50
40
90
80
70
60
100
0
0.1
0.2
0.4
0.6
0.3
0.5
0.7
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
MAX9700
CLASS AB
VDD = 3.3V
f = 1kHz
RL - 8
Ω


Similar Part No. - MAX9700BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700BEBC-T MAXIM-MAX9700BEBC-T Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
More results

Similar Description - MAX9700BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com