Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9768ETG+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9768ETG+
Description  10W Mono Class D Speaker Amplifier with Volume Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9768ETG+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9768ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX9768ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
10W Mono Class D Speaker
Amplifier with Volume Control
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VPVDD = 12V, VDD = 3.3V, VGND = VPGND = 0, V SHDN = VDD, VMUTE = 0; Max volume setting; speaker load resistor connected
between OUT+ and OUT-, RL =
∞, unless otherwise noted. CBIAS = 2.2µF, C1 = C2 = 0.1µF, CIN = 0.47µF, RIN = 20kΩ, RF = 30kΩ,
SSM mode. Filterless modulation mode (see the
Functional Diagram/Typical Application Circuit). TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC = GND
265
300
330
SYNC = unconnected
324
360
396
Class D Switching
Frequency
SYNC = VDD (spread-spectrum modulation
mode)
300
±7.5
kHz
SYNC Frequency Lock
Range
1000
1600
kHz
Minimum SYNC Frequency
Lock Duty Cycle
40
%
Maximum SYNC Frequency
Lock Duty Cycle
60
%
Gain Matching
Full volume (ideal matching for RIN and RF)2
%
Into shutdown
52.6
Out of shutdown
48
Into mute
67
Click-and-Pop Level (Note 2)
KCP
Peak voltage, 32 samples
per second, A-weighted, RIN
x CIN
≤ 10ms to guarantee
clickless/popless operation
Out of mute
57
dBV
Input Impedance
DC volume control mode (SDA/VOL)
100
M
Ω
Input Hysteresis
DC volume control mode (SDA/VOL)
11
mV
9.5dB Gain Voltage
DC volume control mode (SDA/VOL)
0.1 x VDD
V
Full Mute Voltage
DC volume control mode (SDA/VOL)
0.9 x VDD
V
DIGITAL INPUTS (SHDN, MUTE, ADDR1, ADDR2, SYNC)
SYNC
2.33
Input-Voltage High
VIH
All other pins
0.7 x VDD
V
SYNC
0.8
Input-Voltage Low
VIL
All other pins
0.3 x VDD
V
ISYNC
TA = +25°C
±7.5
±13
Input Leakage Current
ILK
All other digital inputs, TA = +25°C
±1
µA
DIGITAL OUTPUT (SYNCOUT)
Output-Voltage High
Load = 1mA
VDD - 0.3
V
Output-Voltage Low
Load = 1mA
0.3
V
Rise/Fall Time
CL = 10pF
5
ns


Similar Part No. - MAX9768ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768ETG++ MAXIM-MAX9768ETG+ Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
More results

Similar Description - MAX9768ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
   20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
   20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
   10W AMPLIFIER WITH DC VOLUME CONTROL
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com