Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9610FEXK+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9610FEXK+T
Description  1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9610FEXK+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9610FEXK+T Datasheet HTML 3Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 4Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 5Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 6Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 7Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 8Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 9Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 10Page - Maxim Integrated Products MAX9610FEXK+T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1µA, µDFN/SC70, Lithium-Ion Battery,
Precision Current-Sense Amplifier
10
______________________________________________________________________________________
-DRAWING NOT TO SCALE-
DOCUMENT CONTROL NO.
APPROVAL
TITLE:
REV.
PACKAGE OUTLINE, 6L uDFN, 1.5x1.0x0.8mm
21-0147
2
2
E
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
Calendar Year
Legend:
Marked with bar
Blank space - no bar required
06-11
Payweek
12-17
18-23
24-29
30-35
36-41
42-47
48-51
52-05
TABLE 2
Translation Table for Payweek Binary Coding
TABLE 1
Translation Table for Calendar Year Code
Legend:
Marked with bar
Blank space - no bar required
Package Information (continued)
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.


Similar Part No. - MAX9610FEXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 12P
   Easy-to-Use, Menu-Driven Software
Rev 0; 11/10
MAX9611 MAXIM-MAX9611 Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results

Similar Description - MAX9610FEXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
logo
Shenzhen Huazhimei Semi...
HM4054I HMSEMI-HM4054I Datasheet
812Kb / 7P
   High-precision single-cell lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Semtech Corporation
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
   Miniature High Current Lithium-Ion Battery Charger
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com