Part Name
         Description
34844_08

 10 Channel LED Backlight Driver with Integrated Power Supply ( 36 Page)


FREESCALE
100% 
Zoom Out Zoom In
 
 2 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34844
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34844 Simplified Internal Block Diagram
VIN
VDC1
COMP
EN
CK
PWM
SCK
SDA
ISET
PIN
NIN
SWA
SWB
PGNDA
FAIL
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
TEMP/OPTO
LOOP CONTROL
CURRENT DAC
OCP/OTP/UVLO
PWM GENERATOR
10 CHANNEL
OVP
BOOST
CLOCK/PLL
CONTROLLER
50mA CURRENT
MIRROR
V SENSE
GND
A0/SEN
PGNDB
LDO
VDC3
VDC2
SLOPE
I2C INTERFACE
VOUT
M/~S



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC3484410 Channel LED Backlight Driver with Integrated Power Supply 1 2 3 4 5 MoreFreescale Semiconductor, Inc
LM3520_0509Integrated White LED Driver with Organic LED Display Power Supply 1 2 3 4 5 MoreNational Semiconductor
SP6415Integrated White LED Driver With Organic LED Display Power Supply 1 2 3 4 5 MoreSipex Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FAN5331_05High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch 1 2 3 4 5 MoreFairchild Semiconductor
ADUM6132_08Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply 1 2 3 4 5 MoreAnalog Devices
STLD40DWhite led power supply for large display backlight 1 2 3 4 5 MoreSTMicroelectronics
ADD8733Integrated TFT Panel Power Supply with Gate Modulation and VCOM 1 2 3 4 5 MoreAnalog Devices
TPS61058SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER 1 2 3 4 5 MoreTexas Instruments
LT349820mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN 1 2 3 4 5 MoreLinear Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl