Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9597CTI+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9597CTI+
Description  Low-Power Audio/Video Interface for Single SCART Connectors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9597CTI+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9597CTI+ Datasheet HTML 5Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 6Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 7Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 8Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 9Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 10Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 11Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 12Page - Maxim Integrated Products MAX9597CTI+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Low-Power Audio/Video Interface
for Single SCART Connectors
_______________________________________________________________________________________
9
13.8
13.9
14.1
14.0
14.2
14.3
VVID QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
025
50
75
0
0.05
0.10
0.15
0.20
025
50
75
V12 QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-15
-5
-10
5
0
15
10
20
025
50
75
INPUT-AMPLIFIER INPUT OFFSET
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
0
0.1
0.2
0.3
-50
25
50
75
INPUT-AMPLIFIER INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
INPUT-AMPLIFIER GAIN AND PHASE
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
10k
-40
-20
0
20
40
60
-60
1k
100M
AV = +100V/V
VIN = 10mVP-P
RLOAD = OPEN
CL = 0pF/22pF
PHASE MARGIN (CL = 0pF) = 60
°
PHASE MARGIN (CL = 22pF) = 44
°
GAIN
CL = OpF
CL = 22pF
PHASE
-120
-60
0
60
120
180
-180
Typical Operating Characteristics (continued)
(VVID = VAUD = 3.3V, V12 = 12V, GND = EP = 0, video load is 150Ω to GND, audio load is 10kΩ to GND, TA = +25°C, unless other-
wise noted.)
INPUT-AMPLIFIER TOTAL HARMONIC
DISTORTION PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
10k
1k
0.001
0.01
0.1
0.0001
10
100k
VIN = 0.25VRMS
VIN = 0.5VRMS
UNITY GAIN
RL = OPEN
2.9
3.1
3.0
3.3
3.2
3.5
3.4
3.6
025
50
75
VAUD QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX9597CTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
MAX9597EVKIT++ MAXIM-MAX9597EVKIT+ Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
More results

Similar Description - MAX9597CTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9670 MAXIM-MAX9670 Datasheet
694Kb / 42P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 0; 7/09
MAX9655 MAXIM-MAX9655 Datasheet
290Kb / 17P
   Low-Power Video Switches for Dual SCART Connectors
Rev 2; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com