Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC14GT12A-10.000-0.10-20 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # OC14GT12A-10.000-0.10-20
Description  AT-Cut Crystal - Square Wave - 12.0 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

OC14GT12A-10.000-0.10-20 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  OC14GT12A-10.000-0.10-20 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
AT-Cut Crystal - Square Wave - 12.0 Volts
DESCRIPTION
OC14T12A series oven-controlled crystal oscillators are intended for
Stratum 2 applications requiring low jitter and tight stability <0.6ppm
overall frequency tolerance over 15 years.
For high stability STRATUM 2 applications
Low Jitter
<±0.6ppm overall frequency tolerance over 15 years
Full size 14 pin dual-in-line package
Supply Voltage 12 Volts
AT-Cut Crystal
·
EFC (Voltage control) as standard
OUTLINE & DIMENSIONS
SPECIFICATION
OCXO - OC14T12A SERIES
Crystal Cut:
AT-cut
Output Waveform:
Square Wave
Supply Voltage:
+12.0 VDC ±0.5V
Frequency Range:
1.25MHz to 100.0MHz
Initial Calibration Tolerance:
±0.5ppm maximum
Frequency Stability
over 0° to +60°C:
±0.2ppm typical
±0.05ppm available
over -20° to +70°C:
±0.3ppm typical
±0.1 available
over -40° to +85°C:
±0.5ppm typical
±0.2ppm available
vs. Voltage Change:
<0.1ppm for ±0.5V change
vs. Ageing:
±0.7ppm first year
<±4ppm over 10 years
vs. Load Change:
<0.01ppm for ±5% change
Warm-up Time:
3 minutes maximum
Voltage Control
Control Voltage Centre:
+2.5 Volts (VCON)
Freq. Deviation Range:
±4.0ppm min., ref. to 25°C
Control Voltage Range:
0V to +5.0Volts
Transfer Function:
Positive: Increasing control
voltage increases output
frequency.
Input Impedance:
47k
minimum
EFC Linearity:
±10% maximum
Power Dissipation:
1.0W max. at steady state
2.0W max. at turn on
Output
Load:
10 LS or 47pF
Output Logic HIGH:
+2.8V minimum
Output Logic LOW:
0.4V maximum
Duty Cycle:
50%±10%
Rise/Fall Time:
7ns max (20%~80%)
Frequency dependant
Envionmental
Storage Temperature:
-65° to +125°C
Shock:
2000g, 0.3ms ½ sine
Vibration:
10 ~2000Hz / 10g
Offset
dBc/Hz
1Hz
-60
10Hz
-90
100Hz
-120
1kHz
-130
10kHz
-140
PHASE NOISE (at 10MHz)
TEST CIRCUIT
PART NUMBER FORMAT
Example:
OC14GT12A-10.000-0.10/-20+70
OCXO Package: OC14
RoHS Compliance
G: RoHS Compliant
Blank: Non-compliant
T: Output Squarewave
12: Supply Voltage 12Volts
A: AT-Cut crystal
Nominal Frequency 10.0MHz
Stability in ppm
Operating Temperature Range °C
Lowest Temperature/Highest Temperature


Similar Part No. - OC14GT12A-10.000-0.10-20

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC14GT33A-10.000-0.15-20 EUROQUARTZ-OC14GT33A-10.000-0.15-20 Datasheet
106Kb / 1P
   AT-Cut Crystal - Square Wave - 3.3 Volts
OC14GT5A-10.000-0.05-20 EUROQUARTZ-OC14GT5A-10.000-0.05-20 Datasheet
106Kb / 1P
   AT-Cut Crystal - Square Wave - 5.0 Volts
More results

Similar Description - OC14GT12A-10.000-0.10-20

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC30T12A EUROQUARTZ-OC30T12A Datasheet
105Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC31T12A EUROQUARTZ-OC31T12A Datasheet
104Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC11T12A EUROQUARTZ-OC11T12A Datasheet
113Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC22T12A EUROQUARTZ-OC22T12A Datasheet
100Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC18T12A EUROQUARTZ-OC18T12A Datasheet
110Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC18T12S EUROQUARTZ-OC18T12S Datasheet
110Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC31T12S EUROQUARTZ-OC31T12S Datasheet
104Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC22T12S EUROQUARTZ-OC22T12S Datasheet
100Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC11T12S EUROQUARTZ-OC11T12S Datasheet
113Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC30T12S EUROQUARTZ-OC30T12S Datasheet
105Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com