Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS914 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS914
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914 Datasheet(HTML) 2 Page - STMicroelectronics

  TS914 Datasheet HTML 1Page - STMicroelectronics TS914 Datasheet HTML 2Page - STMicroelectronics TS914 Datasheet HTML 3Page - STMicroelectronics TS914 Datasheet HTML 4Page - STMicroelectronics TS914 Datasheet HTML 5Page - STMicroelectronics TS914 Datasheet HTML 6Page - STMicroelectronics TS914 Datasheet HTML 7Page - STMicroelectronics TS914 Datasheet HTML 8Page - STMicroelectronics TS914 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - (note 1)
18
V
Vid
Differential Input Voltage - (note 2)
±18
V
Vi
Input Voltage - (note 3)
-0.3 to 18
V
Iin
Current on Inputs
±50
mA
Io
Current on Outputs
±130
mA
Toper
Operating Free Air Temperature RangeI
-40 to +125
oC
Tstg
Storage Temperature
-65 to +150
oC
Notes :
1. All voltage values, except differential voltage are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of input and output voltages must never exceed VCC
+ +0.3V.
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.7 to 16
V
Vicm
Common Mode Input Voltage Range
VCC
- -0.2 to VCC++0.2
V
Non-inverting
Input
Inverting
Input
Inte rnal
Vre f
Output
VCC
VCC
SCHEMATIC DIAGRAM (1/4 TS914)
TS914
2/13


Similar Part No. - TS914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914AID STMICROELECTRONICS-TS914AID Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914AID STMICROELECTRONICS-TS914AID Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
TS914AIDT STMICROELECTRONICS-TS914AIDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
TS914AIN STMICROELECTRONICS-TS914AIN Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914AIYD STMICROELECTRONICS-TS914AIYD Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
More results

Similar Description - TS914

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS3V914 STMICROELECTRONICS-TS3V914 Datasheet
119Kb / 12P
   3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com