Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6642ATT90-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6642ATT90-T
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642ATT90-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6642ATT90-T Datasheet HTML 1Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 2Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 3Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 4Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 5Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 6Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 7Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 8Page - Maxim Integrated Products MAX6642ATT90-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Detailed Description
The MAX6642 is a temperature sensor for local
and remote temperature-monitoring applications.
Communication with the MAX6642 occurs through the
SMBus-compatible serial interface and dedicated alert
pins. ALERT asserts if the measured local or remote
temperature is greater than the software-programmed
ALERT limit.
The MAX6642 converts temperatures to digital data
either at a programmed rate of eight conversions per
second or in single conversions. Temperature data is
represented by 8 data bits (at addresses 00h and 01h),
with the LSB equal to +1°C and the MSB equal to
+128°C. Two additional bits of remote temperature data
are available in the “extended” register at address 10h
and 11h (Table 2) providing resolution of +0.25
°C.
ADC and Multiplexer
The averaging ADC integrates over a 60ms period
(each channel, typ), with excellent noise rejection.
The multiplexer automatically steers bias currents
through the remote and local diodes. The ADC and
associated circuitry measure each diode’s forward volt-
age and compute the temperature based on this volt-
age. Both channels are automatically converted once
the conversion process has started, either in free-run-
ning or single-shot mode. If one of the two channels is
not used, the device still performs both measurements,
and the user can ignore the results of the unused chan-
nel. If the remote-diode channel is unused, connect
DXP to GND rather than leaving DXP open.
The conversion time per channel (remote and internal)
is 125ms. If both channels are being used, then each
channel is converted four times per second. If the
external conversion-only option is selected, then the
remote temperature is measured eight times per sec-
ond. The results of the previous conversion are always
available, even if the ADC is busy.
Low-Power Standby Mode
Standby mode reduces the supply current to less than
10µA by disabling the ADC and timing circuitry. Enter
standby mode by setting the RUN bit to 1 in the config-
uration byte register (Table 4). All data is retained in
memory, and the SMBus interface is active and listen-
ing for SMBus commands. Standby mode is not a shut-
down mode. With activity on the SMBus, the device
draws more supply current (see the
Typical Operating
Characteristics). In standby mode, the MAX6642 can
be forced to perform ADC conversions through the
one-shot command, regardless of the RUN bit status.
If a standby command is received while a conversion is
in progress, the conversion cycle is truncated, and the
data from that conversion is not latched into a tempera-
ture register. The previous data is not changed and
remains available.
Supply-current drain during the 125ms conversion peri-
od is 500µA (typ). In standby mode, supply current
drops to 3µA (typ).
SMBus Digital Interface
From a software perspective, the MAX6642 appears as
a set of byte-wide registers that contain temperature
data, alarm threshold values, and control bits. A stan-
dard SMBus-compatible 2-wire serial interface is used
to read temperature data and write control bits and
alarm threshold data.
The MAX6642 employs four standard SMBus protocols:
Write Byte, Read Byte, Send Byte, and Receive Byte.
(Figures 1, 2, and 3). The shorter Receive Byte protocol
allows quicker transfers, provided that the correct data
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1VCC
Supply Voltage Input, +3V to +5.5V. Bypass VCC to GND with a 0.1µF capacitor. A 47
Ω series resistor is
recommended but not required for additional noise filtering.
2
GND
Ground
3
DXP
Combined Remote-Diode Current Source and ADC Input for Remote-Diode Channel. Place a 2200pF
capacitor between DXP and GND for noise filtering.
4
SCLK
SMBus Serial-Clock Input. May be pulled up to +5.5V regardless of VCC.
5
SDA
SMBus Serial-Data Input/Output, Open Drain. May be pulled up to +5.5V regardless of VCC.
6
ALERT
SMBus Alert (Interrupt) Output, Open Drain.
ALERT asserts when temperature exceeds user-set limits. See
the
ALERT Interrupts section.
—EP
Exposed Pad. Internally connected to GND. Connect to a PCB ground pad for optimal performance. Not
intended as an electrical connection point.


Similar Part No. - MAX6642ATT90-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results

Similar Description - MAX6642ATT90-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com