Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6642 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6642
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6642_08 Datasheet HTML 6Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 7Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 8Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 9Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 10Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 11Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 12Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 13Page - Maxim Integrated Products MAX6642_08 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
where temperature is measured in Kelvin and
nNOMIMAL for the MAX6642 is 1.008.
As an example, assume you want to use the MAX6642
with a CPU that has an ideality factor of 1.002. If the
diode has no series resistance, the measured data is
related to the real temperature as follows:
For a real temperature of +85°C (358.15K), the mea-
sured temperature is +82.91°C (356.02K), an error of
-2.13°C.
Effect of Series Resistance
Series resistance in a sense diode contributes addition-
al errors. For nominal diode currents of 10µA and
100µA, the change in the measured voltage due to
series resistance is:
∆VM = RS (100µA - 10µA) = 90µA  RS
Since +1°C corresponds to 198.6µV, series resistance
contributes a temperature offset of:
Assume that the diode being measured has a series
resistance of 3
Ω. The series resistance contributes an
offset of:
The effects of the ideality factor and series resistance
are additive. If the diode has an ideality factor of 1.002
and series resistance of 3
Ω, the total offset can be cal-
culated by adding error due to series resistance with
error due to ideality factor:
1.36°C - 2.13°C = -0.77°C
for a diode temperature of +85°C.
In this example, the effect of the series resistance and
the ideality factor partially cancel each other.
Discrete Remote Diodes
When the remote-sensing diode is a discrete transistor,
connect its collector and base together. Table 7 lists
examples of discrete transistors that are appropriate for
use with the MAX6642.
The transistor must be a small-signal type with a rela-
tively high forward voltage; otherwise, the A/D input
voltage range can be violated. The forward voltage at
the highest expected temperature must be greater than
0.25V at 10µA, and at the lowest expected tempera-
ture, the forward voltage must be less than 0.95V at
100µA. Large power transistors must not be used. Also,
ensure that the base resistance is less than 100
Ω. Tight
specifications for forward current gain (50 < ß <150, for
example) indicate that the manufacturer has good
process controls and that the devices have consistent
VBE characteristics.
Manufacturers of discrete transistors do not normally
specify or guarantee ideality factor. This is normally not
a problem since good-quality discrete transistors tend
to have ideality factors that fall within a relatively narrow
range. We have observed variations in remote tempera-
ture readings of less than
±2°C with a variety of dis-
crete transistors. Still, it is good design practice to
verify good consistency of temperature readings with
several discrete transistors from any manufacturer
under consideration.
ADC Noise Filtering
The integrating ADC used has good noise rejection for
low-frequency signals such as 60Hz/120Hz power-sup-
ply hum. In noisy environments, high-frequency noise
reduction is needed for high-accuracy remote mea-
surements. The noise can be reduced with careful PCB
layout and proper external noise filtering.
High-frequency EMI is best filtered at DXP with an
external 2200pF capacitor. Larger capacitor values can
be used for added filtering, but do not exceed 3300pF
because excessive capacitance can introduce errors
3
0 453
1 36
Ω×
°
=+
°
..
C
C
90
198 6
0 453
µ
µ
°
=
°
V
V
C
C
.
.
TT
n
n
T
T
ACTUAL
M
NOMINAL
M
M
=
⎝⎜
⎠⎟
=
⎝⎜
⎠⎟
=
1
1 008
1 002
1 00599
.
.
( .
)
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
10
______________________________________________________________________________________
MANUFACTURER
MODEL NO.
Central Semiconductor (USA)
CMPT3906
Rohm Semiconductor (USA)
SST3906
Samsung (Korea)
KST3906-TF
Siemens (Germany)
SMBT3906
Zetex (England)
FMMT3906CT-ND
Table 7. Remote-Sensor Transistor
Manufacturers
Note: Discrete transistors must be diode connected (base short-
ed to collector).


Similar Part No. - MAX6642_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
More results

Similar Description - MAX6642_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com