Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5895 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5895
Description  16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5895 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5895 Datasheet HTML 4Page - Maxim Integrated Products MAX5895 Datasheet HTML 5Page - Maxim Integrated Products MAX5895 Datasheet HTML 6Page - Maxim Integrated Products MAX5895 Datasheet HTML 7Page - Maxim Integrated Products MAX5895 Datasheet HTML 8Page - Maxim Integrated Products MAX5895 Datasheet HTML 9Page - Maxim Integrated Products MAX5895 Datasheet HTML 10Page - Maxim Integrated Products MAX5895 Datasheet HTML 11Page - Maxim Integrated Products MAX5895 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
16-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
8
_______________________________________________________________________________________
TWO-TONE IMD vs. OUTPUT FREQUENCY
fDATA = 125MWps, NO INTERPOLATION
CENTER FREQUENCY (MHz)
40
30
20
10
20
40
60
80
100
120
0
050
1MHz CARRIER SPACING
-12dBFS
-6dBFS
-9dBFS
TWO-TONE IMD vs. OUTPUT FREQUENCY
fDATA = 125MWps, 4x INTERPOLATION
CENTER FREQUENCY (MHz)
150
120
90
60
30
30
60
90
120
0
0
1MHz CARRIER SPACING
COMPLEX MODULATION FOR
OUTPUT FREQUENCIES
GREATER THAN 50MHz
-12dBFS
-6dBFS
-9dBFS
GAIN MISMATCH vs. TEMPERATURE
fDATA = 125MWps, 2x INTERPOLATION
TEMPERATURE (
°C)
60
35
10
-15
0.025
0.050
0.075
0.100
0
-40
85
fOUT = 22.7MHz
AOUT = -6dBFS
MULTITONE POWER RATIO PLOT
fDATA = 125MWps, 2x INTERPOLATION
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
-110
fCENTER = 35.7MHz, 1MHz TONE SPACING
AOUT1 THROUGH AOUT8 = -18dBFS,
SPAN = 25MHz
DIFFERENTIAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
57344
49152
40960
32768
24586
16384
8192
0
1
2
3
4
5
-1
0
65536
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE
57344
49152
32768
40960
16384
24576
8192
-4
-3
-2
-1
0
1
2
3
4
5
-5
0
65536
DIGITAL INPUT CODE
SUPPLY CURRENTS vs. DAC UPDATE RATE
2x INTERPOLATION, fOUT = 5MHz
fDAC (MHz)
250
200
150
50
100
150
200
250
300
350
400
450
500
0
100
300
1.8V TOTAL
3.3V TOTAL
SUPPLY CURRENTS vs. DAC UPDATE RATE
4x INTERPOLATION, fOUT = 5MHz
fDAC (MHz)
400
300
200
50
100
150
200
250
300
350
400
450
500
0
100
500
1.8V TOTAL
3.3V TOTAL
SUPPLY CURRENTS vs. DAC UPDATE RATE
8x INTERPOLATION, fOUT = 5MHz
fDAC (MHz)
400
300
200
50
100
150
200
250
300
350
400
450
500
0
100
500
1.8V TOTAL
3.3V TOTAL
Typical Operating Characteristics (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, output is transformer-coupled to
50
Ω load, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5895

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895EGK MAXIM-MAX5895EGK Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
More results

Similar Description - MAX5895

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893_08 Datasheet
289Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com