Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6615 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6615
Description  Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6615 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6615_08 Datasheet HTML 1Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 2Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 3Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 4Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 5Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 6Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 7Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 8Page - Maxim Integrated Products MAX6615_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Dual-Channel Temperature Monitors and
Fan-Speed Controllers with Thermistor Inputs
_______________________________________________________________________________________
5
PIN
MAX6616
MAX6615
NAME
FUNCTION
1, 2, 5, 20,
23, 24
GPIO0–
GPIO5
Active-Low, Open-Drain GPIOs. Can be pulled up to 5.5V regardless of VCC.
3
1
PWM1
Fan Driver Output 1. The pullup resistor can be connected to a supply voltage as high as
12V, regardless of the supply voltage. See the PWM Output section for configuration.
4
2
TACH1
Fan Tachometer Input. Accepts logic-level signal from fan’s tachometer output. Can be
connected to a supply voltage as high as 12V, regardless of the supply voltage.
6
3
ADD0
SMBus Slave Address Selection
7
4
ADD1
SMBus Slave Address Selection
8
5, 10
GND
Ground. Must be connected together for MAX6615.
9
6
TH1
External Thermistor Input 1. Connect a thermistor in series with a fixed resistor between
REF and ground.
10, 15
N.C.
No Connection
11
7
REF
Reference Voltage Output. Provides 1V during measurements. High impedance when not
measuring.
12
8
TH2
External Thermistor Input 2. Connect a thermistor in series with a fixed resistor between
REF and ground.
13
9
FAN_FAIL
Fan-Failure Output. Asserts low when either fan fails. Can be pulled up as high as 5.5V
regardless of VCC. High impedance when VCC = 0V.
14
PRESET
Connect to GND or VCC to set POR state of the GPIO0.
16
11
OT
Overtemperature Output. Active low, open drain. Typically used for system shutdown or
clock throttling. Can be pulled up as high as 5.5V regardless of VCC. High impedance
when VCC = 0V.
17
12
VCC
Power Supply. 3.3V nominal. Bypass with a 0.1µF capacitor to GND.
18
13
SDA
SMBus Serial-Data Input/Output. Pull up with a 10k
Ω resistor. Can be pulled up as high
as 5.5V regardless of VCC. High impedance when VCC = 0V.
19
14
SCL
SMBus Serial-Clock Input. Pull up with a 10k
Ω resistor. Can be pulled up as high as 5.5V
regardless of VCC. High impedance when VCC = 0V.
21
15
TACH2
Fan Tachometer Input. Accepts logic-level signal from fan’s tachometer output. Can be
connected to a supply voltage as high as 12V, regardless of the supply voltage.
22
16
PWM2
Fan Driver Output 2. The pullup resistor can be connected to a supply voltage as high as
12V, regardless of the supply voltage. See the PWM Output section for configuration.
Pin Description


Similar Part No. - MAX6615_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6615AEE MAXIM-MAX6615AEE Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615AEG MAXIM-MAX6615AEG Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
More results

Similar Description - MAX6615_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Microchip Technology
TC654 MICROCHIP-TC654_14 Datasheet
580Kb / 38P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
03/25/14
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
   Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
SMSC Corporation
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
SMSC Corporation
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
   Fan Control Device with High Frequency PWM and Temperature Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com