Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5135 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5135
Description  Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5135 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5135 Datasheet HTML 3Page - Maxim Integrated Products MAX5135 Datasheet HTML 4Page - Maxim Integrated Products MAX5135 Datasheet HTML 5Page - Maxim Integrated Products MAX5135 Datasheet HTML 6Page - Maxim Integrated Products MAX5135 Datasheet HTML 7Page - Maxim Integrated Products MAX5135 Datasheet HTML 8Page - Maxim Integrated Products MAX5135 Datasheet HTML 9Page - Maxim Integrated Products MAX5135 Datasheet HTML 10Page - Maxim Integrated Products MAX5135 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Pin-/Software-Compatible,
16-/12-Bit, Voltage-Output DACs
_______________________________________________________________________________________
7
SETTLING TIME DOWN
MAX5134-MAX5137 toc19
400ns/div
500mV/div
CROSSTALK
MAX5134-MAX5137 toc20
4µs/div
10mV/div
2V/div
DIGITAL FEEDTHROUGH
MAX5134-MAX5137 toc21
40ns/div
5V/div
50mV/div
SCLK
VOUT_
DIGITAL SUPPLY CURRENT vs.
DIGITAL SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
2.0
2.5
3.0
0.5
1.0
1.5
3.5
4.0
0
2.7
5.2
VAVDD = 5.25V
REFERENCE VOLTAGE vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
2.42
2.44
2.46
2.48
2.50
2.40
2.7
5.2
TA = -40°C
TA = +105°C
TA = +25°C
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
100
80
60
40
20
0
-20
2.4375
2.4380
2.4385
2.4390
2.4395
2.4400
2.4405
2.4370
-40
DIGITAL SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
5
4
3
2
1
500
1000
1500
2000
2500
3000
0
0
VAVDD = VDVDD = 5.25V
UP
DOWN
FULL-SCALE OUTPUT
vs. TEMPERATURE
TEMPERATURE (°C)
100
80
-20
0
20
40
60
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.43
-40
EXTERNAL
REFERENCE
2.500V
INTERNAL
REFERENCE
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
25
20
15
10
5
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.00
030
VAVDD = 3.3V
VAVDD = 5V
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5135 MAXIM-MAX5135 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5135 MAXIM-MAX5135 Datasheet
1Mb / 9P
   12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
Rev 0; 5/10
MAX5135GTG++ MAXIM-MAX5135GTG+ Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5135GUE++ MAXIM-MAX5135GUE+ Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
More results

Similar Description - MAX5135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
   Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
logo
Analog Devices
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com