Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5440 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5440
Description  Stereo Volume Control with Rotary Encoder Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5440 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5440_08 Datasheet HTML 1Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 2Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 3Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 4Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 5Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 6Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 7Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 8Page - Maxim Integrated Products MAX5440_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Stereo Volume Control
with Rotary Encoder Interface
-75
-65
-70
-45
-50
-55
-60
-35
-40
-25
-30
0.01
1
0.1
10
100
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
VDD_ = 5V ±100mVP-P, VH = 5V
VL_ = 2.5V, W_ SET TO -6dB
0
100
50
200
150
250
300
LOGIC SUPPLY CURRENT
vs. LOGIC SUPPLY VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
2.5
3.5
4.0
3.0
4.5
5.0
5.5
ACTIVE CURRENT
STANDBY CURRENT
SHUTDOWN
0
100
50
200
150
300
250
350
-40
10
-15
35
60
85
ACTIVE LOGIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = VLOGIC = 5.5V,
RENCODEA = RENCODEB = 0
1.1752
1.1756
1.1754
1.1762
1.1760
1.1758
1.1768
1.1766
1.1764
1.1770
-40
10
-15
356085
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = VLOGIC = 5.5V,
RENCODEA = RENCODEB = 0
10
100
1000
0 0.5
2.0 2.5
1.0 1.5
3.0 3.5 4.0 4.5 5.0
DIGITAL SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
200
0
400
800
600
1000
1200
0.01
1
0.1
10
100
SPECTRAL NOISE DENSITY
FREQUENCY (kHz)
0
1
2
3
4
5
6
7
8
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY CURRENT
vs. INPUT VOLTAGE SWEEP
INPUT VOLTAGE SWEEP (VH_)
VDD = VLOGIC = 5V, W_ AT 0dB
RL = 10kΩ TO VMIDBIAS
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)
_______________________________________________________________________________________
5


Similar Part No. - MAX5440_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5440EAG MAXIM-MAX5440EAG Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
MAX5440EAG++ MAXIM-MAX5440EAG+ Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
MAX5440 MAXIM-MAX5440_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
More results

Similar Description - MAX5440_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5440 MAXIM-MAX5440_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
MAX5440 MAXIM-MAX5440 Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
   Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
   Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
   Stereo Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com